Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6020ANJ Datasheet(PDF) 3 Page - Rohm

Part # R6020ANJ
Description  10V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6020ANJ Datasheet(HTML) 3 Page - Rohm

  R6020ANJ Datasheet HTML 1Page - Rohm R6020ANJ Datasheet HTML 2Page - Rohm R6020ANJ Datasheet HTML 3Page - Rohm R6020ANJ Datasheet HTML 4Page - Rohm R6020ANJ Datasheet HTML 5Page - Rohm R6020ANJ Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Data Sheet
R6020ANJ
Electrical characteristics curves
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
VGS= 10V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= -25°C
0.001
0.01
0.1
1
10
100
0.0
1.5
3.0
4.5
6.0
VDS= 10V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= -25°C
0.01
0.1
1
10
100
0
0.5
1
1.5
VGS= 0V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= -25°C
Fig.8 Reverse Drain Current vs.
Sourse-Drain Voltage
0
0.2
0.4
0.6
0.8
0
5
10
15
Ta=25°C
Pulsed
ID= 10.0A
ID= 20.0A
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS= 10V
Pulsed
Ta= -25°C
Ta= 25°C
Ta= 75°C
Ta= 125°C
Fig.7 Forward Transfer Admittance
vs. Drain Current
1
10
100
1000
10000
100000
0.01
0.1
1
10
100 1000 1000
0
Ciss
Coss
Crss
Ta= 25°C
f= 1MHz
VGS= 0V
Fig.9 Typical Capacitance vs.
Drain-Source Voltage
0.01
0.1
1
10
100
0.1
1
10
100
1000
Tc = 25°C
Single Pulse
DC operation
Pw=100u
Pw=1m
Operation in this
area is limited
by RDS(ON)
PW=10m
0
0.1
0.2
0.3
0.4
0.5
-50
0
50
100
150
VGS= 10V
Pulsed
ID= 10.0A
ID= 20.0A
0
1
2
3
4
5
6
-50
0
50
100
150
VDS= 10V
ID= 1mA
Fig.1 Maximum Safe Operating Aera
DRAIN-SOURCE VOLTAGE : VDS( V )
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current
DRAIN CURRENT : ID(A)
DRAIN CURRENT : ID(A)
Fig.3 Gate Threshold Voltage
vs. Channel Temperature
CHANNEL TEMPERATURE: Tch (°C)
Fig.2 Typical Transfer Characteristics
GATE-SOURCE VOLTAGE : VGS(V)
Fig.5 Static Drain-Source On-State
Resistance vs. Gate Source
GATE-SOURCE VOLTAGE : VGS (V)
Fig.6 Static Drain-Source On-State
Resistance vs. Channel Temperature
CHANNEL TEMPERATURE: Tch(°C)
DRAIN-SOURCE VOLTAGE : VDS(V)
SOURCE-DRAIN VOLTAGE : VSD(V)


Similar Part No. - R6020ANJ

ManufacturerPart #DatasheetDescription
logo
Rohm
R6020ANX ROHM-R6020ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
R6020ANX ROHM-R6020ANX Datasheet
1Mb / 14P
   Nch 600V 20A Power MOSFET
R6020ANX ROHM-R6020ANX_12 Datasheet
1Mb / 14P
   Nch 600V 20A Power MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R6020ANJ

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com