Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3626DW Datasheet(PDF) 8 Page - Microsemi Corporation

Part # SG3626DW
Description  DUAL HIGH SPEED DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3626DW Datasheet(HTML) 8 Page - Microsemi Corporation

  SG3626DW Datasheet HTML 1Page - Microsemi Corporation SG3626DW Datasheet HTML 2Page - Microsemi Corporation SG3626DW Datasheet HTML 3Page - Microsemi Corporation SG3626DW Datasheet HTML 4Page - Microsemi Corporation SG3626DW Datasheet HTML 5Page - Microsemi Corporation SG3626DW Datasheet HTML 6Page - Microsemi Corporation SG3626DW Datasheet HTML 7Page - Microsemi Corporation SG3626DW Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
8
(714) 898-8121
∞ FAX: (714) 893-2570
SG1626/SG2626/SG3626
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
14-PIN CERAMIC DIP
J - PACKAGE
Ambient
Temperature Range
SG1626J/883B
-55
°C to 125°C
SG1626J/DESC
-55
°C to 125°C
SG1626J
-55
°C to 125°C
SG2626J
-25
°C to 85°C
SG3626J
0
°C to 70°C
Part No.
Package
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.
Connection Diagram
2
3
4
5
1
6
7
14
13
10
12
11
9
8
N.C.
N.C.
N.C.
GROUND
IN A
OUT A
OUT B
N.C.
N.C.
IN B
N.C.
N.C.
N.C.
V
CC
8-PIN CERAMIC DIP
Y - PACKAGE
SG1626Y/883B
-55
°C to 125°C
SG1626Y/DESC
-55
°C to 125°C
SG1626Y
-55
°C to 125°C
SG2626Y
-25
°C to 85°C
SG3626Y
0
°C to 70°C
SG2626M
-25
°C to 85°C
SG3626M
0
°C to 70°C
8-PIN PLASTIC DIP
M - PACKAGE
8
7
6
5
2
1
3
4
IN A
N.C.
GROUND
IN B
N.C.
OUT B
V
CC
OUT A
16-PIN WIDE BODY
PLASTIC S.O.I.C.
DW - PACKAGE
SG2626DW
-25
°C to 85°C
SG3626DW
0
°C to 70°C
2
3
4
5
6
7
8
1
13
12
11
14
15
10
9
16
8-PIN TO-99 METAL CAN
T - PACKAGE
SG1626T/883B
-55
°C to 125°C
SG1626T/DESC
-55
°C to 125°C
SG1626T
-55
°C to 125°C
SG2626T
-25
°C to 85°C
SG3626T
0
°C to 70°C
IN A
OUT A
N.C.
GND
N.C.
V
CC
OUT B
IN B
1
2
3
4
5
7
8
6
SG1626R/883B
-55
°C to 125°C
SG1626R/DESC
-55
°C to 125°C
SG1626R
-55
°C to 125°C
SG2626R
-25
°C to 85°C
SG3626R
0
°C to 70°C
5-PIN TO-66 METAL CAN
R - PACKAGE
1
2
3
V
CC
OUT A
IN A
IN B
OUT B
CASE IS GROUND
Note: Case and tab are
internally connected to
substrate ground.
N.C.
N.C.
IN A
N.C.
GROUND
GROUND
IN B
N.C.
GROUND
N.C.
OUT A
GROUND
V
CC
N.C.
OUT B
V
CC
4
5
SG1626L/883B
-55
°C to 125°C
20-PIN CERAMIC (LCC)
LEADLESS CHIP CARRIER
L- PACKAGE
4
5
6
7
8
18
17
16
15
14
9
10 111213
32
120 19
11. N.C.
12. N.C.
13. OUT B
14. N.C.
15. V
cc
16. N.C.
17. V
cc
18. N.C.
19. OUT A
20. N.C.
(Note 4)
1. N.C.
2. GROUND
3. N.C.
4. IN A
5. N.C.
6. GROUND
7. N.C.
8. IN B
9. N.C.
10. GROUND
M Package: RoHS Compliant / Pb-free Transition DC: 0503
M Package: RoHS / Pb-free 100% Matte Tin Lead Finish
DW Package: RoHS Compliant / Pb-free Transition DC: 0516
DW Package: RoHS / Pb-free 100% Matte Tin Lead Finish


Similar Part No. - SG3626DW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3626DW MICROSEMI-SG3626DW Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
More results

Similar Description - SG3626DW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Intersil Corporation
HIP9022 INTERSIL-HIP9022 Datasheet
98Kb / 10P
   Dual High Speed Laser Driver
logo
National Semiconductor ...
DS0026 NSC-DS0026 Datasheet
184Kb / 8P
   Dual High-Speed MOS Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com