Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1544J Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG1544J
Description  LOW-VOLTAGE SUPERVISORY CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1544J Datasheet(HTML) 4 Page - Microsemi Corporation

  SG1544J Datasheet HTML 1Page - Microsemi Corporation SG1544J Datasheet HTML 2Page - Microsemi Corporation SG1544J Datasheet HTML 3Page - Microsemi Corporation SG1544J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞ FAX: (714) 893-2570
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
10
1
2
3
4
5
6
7
8
9
16
15
14
13
12
11
17
18
18-PIN CERAMIC DIP
J - PACKAGE
SG1544J/883B
-55
°C to 125°C
SG1544JDESC
-55
°C to 125°C
SG1544J
-55
°C to 125°C
SG2544J
-25
°C to 85°C
SG3544J
0
°C to 70°C
SG2544N
-25
°C to 85°C
SG3544N
0
°C to 70°C
18-PIN PLASTIC DIP
N - PACKAGE
U.V. N.I. INPUT
RESET
REMOTE ACTIVATE
SCR TRIGGER
OFFSET / COMP
C.L. N.I. INPUT
C.L. OUTPUT
U.V. DELAY
U.V. INDICATE
C.L. INV. INPUT
GROUND
O.V. INDICATE
U.V. INV. INPUT
O.V. DELAY
O.V. N.I. INPUT
O.V. INV. INPUT
1
18-PIN WIDE BODY
PLASTIC S.O.I.C.
DW - PACKAGE
SG2544DW
-25
°C to 85°C
SG3544DW
0
°C to 70°C
16
15
14
13
12
11
10
17
18
2
3
4
5
6
7
8
9
+V
IN
V
REF
OFFSET / COMP
C.L. N.I. INPUT
C.L. OUTPUT
U.V. DELAY
U.V. INDICATE
C.L. INV. INPUT
GROUND
+V
IN
V
REF
U.V. N.I. INPUT
RESET
REMOTE ACTIVATE
SCR TRIGGER
O.V. INDICATE
U.V. INV. INPUT
O.V. DELAY
O.V. N.I. INPUT
O.V. INV. INPUT
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.
N Package: RoHS Compliant / Pb-free Transition DC: 0503
N Package: RoHS / Pb-free 100% Matte Tin lead Finish
DW Package: RoHS / Pb-free 100% Matte Tin lead Finish
DW Package: RoHS Compliant / Pb-free Transition DC: 0516


Similar Part No. - SG1544J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1544J MICROSEMI-SG1544J Datasheet
41Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
SG1544J/883B MICROSEMI-SG1544J/883B Datasheet
41Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
SG1544JDESC MICROSEMI-SG1544JDESC Datasheet
41Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
More results

Similar Description - SG1544J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544 Datasheet
41Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
   Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
Summit Microelectronics...
SMS24 SUMMIT-SMS24 Datasheet
449Kb / 18P
   Highly Programmble Voltage Supervisory Circuit
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
   Highly Programmble Voltage Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com