Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG337T Datasheet(PDF) 5 Page - Microsemi Corporation

Part # SG337T
Description  1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG337T Datasheet(HTML) 5 Page - Microsemi Corporation

  SG337T Datasheet HTML 1Page - Microsemi Corporation SG337T Datasheet HTML 2Page - Microsemi Corporation SG337T Datasheet HTML 3Page - Microsemi Corporation SG337T Datasheet HTML 4Page - Microsemi Corporation SG337T Datasheet HTML 5Page - Microsemi Corporation SG337T Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SG137A/SG137 SERIES
2/92 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
5
(714) 898-8121
∞ FAX: (714) 893-2570
APPLICATION INFORMATION (continued)
the SG137A flows from input to output. If this current is not
absorbed by the load, the output of the regulator will rise above
the regulated value. The current drawn by R
1 and R2 is normally
high enough to absorb the current, but care must be taken in no–
load situations where R
1 and R2 have high values. The maximum
value for the operating current, which must be absorbed, is 5mA
for the SG137A, If input-output voltage differential is less than
10V, the operating current that must be absorbed drops to 3mA.
The output stability, load regulation, line regulation, thermal
EXAMPLES:
1. A precision 10V regulator to supply up to 1Amp load current.
a. Select R
1 = 100Ω to minimize effect of IADJ
b. Calculate R
2
=
=
= 704W
2. A 15V regulator to run off batteries and supply 50mA.
V
IN MAX = 25V
a. To minimize battery drain, select R
1
as high as possible
R
1 =
= 417
Ω, use 404Ω, 1%
V
OUT - VREF
(V
REF/R1) + IADJ
10V - 1.25V
(1.25V/100W) + 65mA
1.25V
3mA
TYPICAL APPLICATIONS
regulation, temperature drift, long term drift, and noise, can be
improved by a factor of 6.6 over the standard regulator configu-
ration. This assumes a zener whose drift and noise is considera-
bly better than the regulator itself. The LM329B has 20PPM/°C
maximum drift and about 10 times lower noise than the regulator.
In the application shown Figure 8, regulators #2 to #N will track
regulator #1 to within ±24mV initially, and to ±60mV over all load,
line, and temperature conditions.
If any regulator output is
shorted to ground, all other outputs will drop to
-2V.
Load
regulation of regulators #2 to #N will be improved by V
OUT/1.25V
compared to a standard regulator, so regulator #1 should be the
one which has the lowest load current.
FIGURE 11 - DUAL TRACKING SUPPLY ±1.25V to ±20V
FIGURE 10 - CURRENT REGULATOR
FIGURE 9 - HIGH STABILITY REGULATOR
FIGURE 8 - MULTIPLE TRACKING REGULATORS


Similar Part No. - SG337T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG337 MICROSEMI-SG337 Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
SG337A MICROSEMI-SG337A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
More results

Similar Description - SG337T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Solid States Devices, I...
SVR137G SSDI-SVR137G Datasheet
189Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137KM SSDI-SVR137KM Datasheet
183Kb / 2P
   -1.5 Amp -40 Volts NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR137Z SSDI-SVR137Z Datasheet
189Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137A SSDI-SVR137A Datasheet
158Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com