Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1526 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # SG1526
Description  REGULATING PULSE WIDTH MODULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1526 Datasheet(HTML) 9 Page - Microsemi Corporation

  SG1526 Datasheet HTML 1Page - Microsemi Corporation SG1526 Datasheet HTML 2Page - Microsemi Corporation SG1526 Datasheet HTML 3Page - Microsemi Corporation SG1526 Datasheet HTML 4Page - Microsemi Corporation SG1526 Datasheet HTML 5Page - Microsemi Corporation SG1526 Datasheet HTML 6Page - Microsemi Corporation SG1526 Datasheet HTML 7Page - Microsemi Corporation SG1526 Datasheet HTML 8Page - Microsemi Corporation SG1526 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
9
(714) 898-8121
∞ FAX: (714) 893-2570
SG1526/SG2526/SG3526
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
10
1
2
3
4
5
6
7
8
9
16
15
14
13
12
11
17
18
18-PIN CERAMIC DIP
J - PACKAGE
SG1526J/883B
-55
°C to 125°C
SG1526J
-55
°C to 125°C
SG2526J
-25
°C to 85°C
SG3526J
0
°C to 70°C
SG2526N
-25
°C to 85°C
SG3526N
0
°C to 70°C
18-PIN PLASTIC DIP
N - PACKAGE
SHUTDOWN
COMPENSATION
- ERROR
+ERROR
V
COLLECTOR
OUTPUT A
GROUND
C
T
R
DEADTIME
SYNC
V
REF
+V
IN
OUTPUT B
C
SOFTSTART
R
T
RESET
- CURRENT SENSE
+CURRENT SENSE
+V
COLLECTOR
OUTPUT A
GROUND
R
DEADTIME
SYNC
V
REF
+V
IN
OUTPUT B
C
T
1
18-PIN WIDE BODY
PLASTIC S.O.I.C.
DW - PACKAGE
SG2526DW
-25
°C to 85°C
SG3526DW
0
°C to 70°C
16
15
14
13
12
11
10
17
18
2
3
4
5
6
7
8
9
COMPENSATION
-ERROR
+ERROR
C
SOFTSTART
RESET
- CURRENT SENSE
+CURRENT SENSE
SHUTDOWN
R
T
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE
SG1526L/883B
-55
°C to 125°C
SG1526L
-55
°C to 125°C
4
5
6
7
8
321
911 12 13
10
14
15
16
17
18
20 19
11. C
T
12. R
DEADTIME
13. SYNC
14. OUTPUT A
15. +V
COLLECTOR
16. N.C.
17. GROUND
18. OUTPUT B
19. +V
IN
20. V
REF
1. N.C.
2. +ERROR
3. -ERROR
4. COMP
5. C
SOFTSTART
6. RESET
7. -C.S.
8. +C.S.
9. SHUTDOWN
10.R
T
N Package: RoHS Compliant / Pb-free Transition DC: 0503
N Package: RoHS / Pb-free 100% Matte Tin Lead Finish
DW Package: RoHS / Pb-free 100% Matte Tin Lead Finish
DW Package: RoHS Compliant / Pb-free Transition DC: 0516


Similar Part No. - SG1526

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526 Datasheet
182Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
309Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG1526BJ MICROSEMI-SG1526BJ Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG1526BJ MICROSEMI-SG1526BJ Datasheet
309Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG1526

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com