Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1524L Datasheet(PDF) 5 Page - Microsemi Corporation

Part # SG1524L
Description  REGULATING PULSE WIDTH MODULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1524L Datasheet(HTML) 5 Page - Microsemi Corporation

  SG1524L Datasheet HTML 1Page - Microsemi Corporation SG1524L Datasheet HTML 2Page - Microsemi Corporation SG1524L Datasheet HTML 3Page - Microsemi Corporation SG1524L Datasheet HTML 4Page - Microsemi Corporation SG1524L Datasheet HTML 5Page - Microsemi Corporation SG1524L Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
5
(714) 898-8121
∞ FAX: (714) 893-2570
APPLICATION NOTES (continued)
CURRENT LIMITING
The current limiting circuitry of the SG1524 is shown in Figure 3.
By matching the base-emitter voltages of Q1 and Q2, and
assuming a negligible voltage drop across R1:
C.L. Threshold = V
BE(Q1) + I1• R2 - VBE(Q2) = I1• R 2
~ 200 mV
Although this circuit provides a relatively small threshold with a
negligible temperature coefficient, there are some limitations to
its use because of its simplicity.
The most important of these is the limited common-mode voltage
range: ±0.3 volts around ground. This requires sensing in the
ground or return line of the power supply. Also precautions
should be taken to not turn on the parasitic substrate diode of the
integrated circuit, even under transient conditions. A Schottky
clamp diode at Pin 5 may be required in some configurations to
achieve this.
A second factor to consider is that the response time is relatively
slow. The current limit amplifier is internally compensated by
R
1
, C
1 , and Q1, resulting in a roll-off pole at approximately 300 Hz.
A third factor to consider is the bias current of the C.L. Sense
pins. A constant current of approximately 150
µA flows out of Pin
4, and a variable current with a range of 0-150
µA flows out of Pin
5. As a result, the equivalent source impedance seen by the
current sense pins should be less than 50 ohms to keep the
threshold error less than 5%.
Since the gain of this circuit is relatively low (42 dB), there is a
transition region as the current limit amplifier takes over pulse
width control from the error amplifier.
For testing purposes,
threshold is defined as the input voltage required to get 25% duty
cycle (+2 volts at the error amplifier output) with the error amplifier
signaling maximum duty cycle.
APPLICATION NOTE: If the current limit function is not used on
the SG1524, the common-mode voltage range restriction re-
quires both current sense pins to be grounded.
FIGURE 3 - CURRENT LIMITING CIRCUITRY OF THE SG1524
In this conventional single-ended regulator circuit, the two out-
puts of the SG1524 are connected in parallel for effective 0 - 90%
duty-cycle modulation. The use of an output inductor requires
and R-C phase compensation network for loop stability.
Push-pull outputs are used in this transformer-coupled DC-DC
regulating converter. Note that the oscillator must be set at twice
the desired output frequency as the SG1524's internal flip-flop
divides the frequency by 2 as it switches the P.W.M. signal from
one output to the other. Current limiting is done here in the
primary so that the pulse width will be reduced should transformer
saturation occur.


Similar Part No. - SG1524L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1524L MICROSEMI-SG1524L Datasheet
82Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
SG1524L/883B MICROSEMI-SG1524L/883B Datasheet
82Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG1524L

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com