Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG337A Datasheet(PDF) 6 Page - Microsemi Corporation

Part # SG337A
Description  1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG337A Datasheet(HTML) 6 Page - Microsemi Corporation

  SG337A Datasheet HTML 1Page - Microsemi Corporation SG337A Datasheet HTML 2Page - Microsemi Corporation SG337A Datasheet HTML 3Page - Microsemi Corporation SG337A Datasheet HTML 4Page - Microsemi Corporation SG337A Datasheet HTML 5Page - Microsemi Corporation SG337A Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SG137A/SG137 SERIES
2/92 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
6
(714) 898-8121
∞ FAX: (714) 893-2570
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
3-TERMINAL TO-3
METAL CAN
K-PACKAGE
SG137AK/883B
-55°C to 125°C
SG137AK/DESC
-55°C to 125°C
SG137AK
-55°C to 125°C
SG237AK
-25°C to 85°C
SG337AK
0°C to 70C
SG137K/883B
-55°C to 125°C
JAN137K
-55°C to 125°C
SG137K/DESC
-55°C to 125°C
SG137K
-55°C to 125°C
SG237K
-25°C to 85°C
SG337K
0°C to 70°C
2
1
ADJUSTMENT
CASE IS V
IN
V
OUT
3-TERMINAL TO-66
METAL CAN
R-PACKAGE
SG137AR/883B
-55°C to 125°C
SG137AR/DESC
-55°C to 125°C
SG137AR
-55°C to 125°C
SG237AR
-25°C to 85°C
SG337AR
0°C to 70°C
SG137R/883B
-55°C to 125°C
SG137R/DESC
-55°C to 125°C
SG137R
-55°C to 125°C
SG237R
-25°C to 85°C
SG337R
0°C to 70°C
1
2
ADJUSTMENT
V
OUT
CASE IS V
IN
3-PIN TO-39 METAL CAN
T-PACKAGE
SG137AT/883B
-55°C to 125°C
SG137AT/DESC
-55°C to 125°C
SG137AT
-55°C to 125°C
SG237AT
-25°C to 85°C
SG337AT
0°C to 70°C
SG137T/883B
-55°C to 125°C
SG137T/DESC
-55°C to 125°C
SG137T
-55°C to 125°C
SG237T
-25°C to 85°C
SG337T
0°C to 70°C
3
2
V
IN
V
OUT
ADJUSTMENT
1
3-PIN HERMETIC TO-257
IG-PACKAGE (Isolated)
SG137AIG/883B
-55°C to 125°C
SG137AIG/DESC
-55°C to 125°C
SG137AIG
-55°C to 125°C
SG137IG/883B
-55°C to 125°C
SG137IGDESC
-55°C to 125°C
SG137IG
-55°C to 125°C
20-PIN CERAMIC (LCC)
LEADLESS CHIP CARRIER
L- PACKAGE
SG137AL/883B
-55
°C to 125°C
SG137AL/DESC
-55
°C to 125°C
SG137AL
-55
°C to 125°C
SG137L/883B
-55
°C to 125°C
SG137L/DESC
-55
°C to 125°C
SG137L
-55
°C to 125°C
4
5
6
7
8
32
1
911 12 13
10
14
15
16
17
18
20 19
11. V
IN
12. N.C.
13. N.C.
14. N.C.
15. N.C.
16. ADJUST
17. N.C.
18. N.C.
19. N.C.
20. N.C.
1. V
OUT
2. V
OUT
3. N.C.
4. N.C.
5. N.C.
6. N.C.
7. N.C.
8. N.C.
9. N.C.
10. N.C.
(Note 4)
ADJUST
V
OUT
V
IN
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. Product is also available in flatpack. Consult factory for price and delivery.
4. Both outputs must be externally connected together at the device terminals.


Similar Part No. - SG337A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG337A MICROSEMI-SG337A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
More results

Similar Description - SG337A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Solid States Devices, I...
SVR137G SSDI-SVR137G Datasheet
189Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137KM SSDI-SVR137KM Datasheet
183Kb / 2P
   -1.5 Amp -40 Volts NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR137Z SSDI-SVR137Z Datasheet
189Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137A SSDI-SVR137A Datasheet
158Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com