Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG143 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG143
Description  HIGH-VOLTAGE OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG143 Datasheet(HTML) 4 Page - Microsemi Corporation

  SG143 Datasheet HTML 1Page - Microsemi Corporation SG143 Datasheet HTML 2Page - Microsemi Corporation SG143 Datasheet HTML 3Page - Microsemi Corporation SG143 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SG143
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞ FAX: (714) 893-2570
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.
CHARACTERISTIC CURVES (continued)
FIGURE 8.
UNITY GAIN BANDWIDTH
FIGURE 7.
SUPPLY CURRENT
Ambient
Temperature Range
Part No.
Package
Connection Diagram
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
SG143T/883B
-55°C to 125°C
SG143T/DESC
-55°C to 125°C
SG143T
-55°C to 125°C
8-PIN METAL CAN
T - PACKAGE
OUTPUT
V+
4
8
5
17
3
26
INVERTING INPUT
V -
OFFSET ADJUST
NON-INVERTING
INPUT
OFFSET ADJUST
N.C.
8-PIN CERAMIC DIP
Y- PACKAGE
SG143Y/883B
-55°C to 125°C
SG143Y/DESC
-55°C to 125°C
SG143Y
-55°C to 125°C
8
7
6
5
2
1
3
4
INVERTING INPUT
OFFSET ADJUST
NON-INVERTING INPUT
V-
V+
OFFSET ADJUST
OUTPUT
N.C.
TYPICAL APPLICATIONS
FIGURE 11 - LOW-DRIFT SAMPLE AND HOLD
FIGURE 10 - DIFFERENTIAL AMPLIFIER WITH ±20V
COMMON-MODE INPUT VOLTAGE RANGE
FIGURE 9 - VOLTAGE OFFSET
NULL CIRCUIT


Similar Part No. - SG143

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG143 MICROSEMI-SG143 Datasheet
81Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
SG1436 ETC1-SG1436 Datasheet
175Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
Microsemi Corporation
SG1436 MICROSEMI-SG1436 Datasheet
430Kb / 5P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
SG1436 MICROSEMI-SG1436 Datasheet
321Kb / 5P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
SG1436M MICROSEMI-SG1436M Datasheet
430Kb / 5P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
More results

Similar Description - SG143

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
[Old version datasheet]   High Voltage Operational Amplifier
logo
Analog Technologies, In...
AHVOA1500V100MA ANALOGTECHNOLOGIES-AHVOA1500V100MA Datasheet
519Kb / 4P
   High Voltage Operational Amplifier
11/1/2021
logo
List of Unclassifed Man...
SG1436 ETC1-SG1436 Datasheet
175Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM143 NSC-LM143 Datasheet
228Kb / 12P
   High Voltage Operational Amplifier
logo
Microsemi Corporation
7800303XA MICROSEMI-7800303XA Datasheet
292Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0004 MSK-MSK0004 Datasheet
192Kb / 5P
   HIGH VOLTAGE OPERATIONAL AMPLIFIER
logo
Microsemi Corporation
SG143 MICROSEMI-SG143 Datasheet
81Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
SG1436 MICROSEMI-SG1436 Datasheet
430Kb / 5P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
SG1436 MICROSEMI-SG1436_10 Datasheet
321Kb / 5P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com