Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP6T2 Datasheet(PDF) 2 Page - Rohm

Part # MP6T2
Description  Medium Power Transistor (−32V, −2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6T2 Datasheet(HTML) 2 Page - Rohm

  MP6T2 Datasheet HTML 1Page - Rohm MP6T2 Datasheet HTML 2Page - Rohm MP6T2 Datasheet HTML 3Page - Rohm MP6T2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MP6T2
Transistors
Rev.A
2/3
Fig.5 Collector-Emitter Saturation
Voltage vs. Collector Current ( )
COLLECTOR CURRENT : IC
(mA)
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
−50
−100
−200
−500 Ta=25°C
IC/IB
=50
20
10
Electrical characteristics (Ta=25
°C)
Parameter
Collector-Emitter breakdown voltage
Collector-base breakdown voltage
<Tr1, Tr2>
Emitter-base breakdown voltage
Collector cut off current
Emitter cut off current
DC current gain
Collector-emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−32
−40
−5
120
−500
100
50
−1.0
−1.0
390
−800
V
IC
= −1mA
IC
= −50µA
IE
= −50µA
VCB
= −20V
VEB
= −4V
VCE
= −3V, IC= −500mA
IC/IB
= −2.0A/−200mA
VCE
= −5V, IE= 500mA, f=100MHz
VCB
= −10V, IE=0A, f=1MHz
V
V
µA
µA
mV
MHz
pF
Typ.
Max.
Unit
Conditions
∗ Pulsed
Electrical characteristics curves
Fig.1 Grounded Emitter Propagation
Characteristics
BASE TO EMITTER VOLTAGE : VBE
(V)
0
−0.2
−0.6 −0.8 −1.0 −1.2 −1.4 −1.6 −1.8 −2.0 −2.2
−0.4
−1
−2
−5
−10
−20
−50
−100
−200
−500
−1000
VCE
= −3V
Ta
=100°C
25
°C
−40°C
Fig.2 Grounded Emitter Output
Characteristics
−0.4
0
−0.8
−1.2
−1.6
−2
0
−0.1
−0.2
−0.3
−0.4
−0.5
IB
=0A
−250µA
−500µA
−750µA
−1mA
−1.25mA
−1.5mA
−1.75mA
−2mA
−2.25mA
−2.5mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Ta
=25°C
Fig.3 DC Current Gain vs.
Collector Curren ( )
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
50
20
100
200
500
Ta
=25°C
COLLECTOR CURRENT : IC
(mA)
VCE
= −6V
−3V
−1V
Fig.4 DC Current Gain vs.
Collector Current ( )
50
20
100
200
500
VCE
= −3V
COLLECTOR CURRENT : IC
(mA)
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
Ta
=100°C
25
°C
−25°C
Fig.6 Collector-Emitter Saturation
Voltage vs. Collector Current ( )
−5 −10 −20
−50 −100
−500 −1000 −2000
−200
−20
−50
−100
−200
−500 lC/lB=10
COLLECTOR CURRENT : IC
(mA)
Ta
=100°C
25
°C
−40°C


Similar Part No. - MP6T2

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6T1 ROHM-MP6T1 Datasheet
109Kb / 4P
   Medium Power Transistor (−32V, −1A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
   Midium Power Transistors (-30V / -1A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
   Midium Power Transistors (-50V / -1A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
   Midium Power Transistors (-50V / -3A)
MP6T3 ROHM-MP6T3 Datasheet
118Kb / 4P
   Medium Power Transistor (−60V, −3A)
More results

Similar Description - MP6T2

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132_1 Datasheet
79Kb / 5P
   Medium Power Transistor (−32V,−1A)
MP6T1 ROHM-MP6T1 Datasheet
109Kb / 4P
   Medium Power Transistor (−32V, −1A)
2SB1561 ROHM-2SB1561_09 Datasheet
175Kb / 3P
   Medium Power Transistor (−60V, −2A)
2SAR512P ROHM-2SAR512P_09 Datasheet
226Kb / 5P
   Medium Power Transistors (−30V / −2A)
2SB1427 ROHM-2SB1427_1 Datasheet
69Kb / 3P
   Power transistor (−20V, −2A)
2SB1580 ROHM-2SB1580 Datasheet
78Kb / 3P
   Power Transistor (−100V , −2A)
2SB852K ROHM-2SB852K_1 Datasheet
75Kb / 3P
   High-gain Amplifier Transistor (−32V, −0.3A)
2SA1862 ROHM-2SA1862_1 Datasheet
97Kb / 3P
   High-voltage Switching Transistor (−400V, −2A)
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
   Medium Power Transistor
2SD2143 ROHM-2SD2143_12 Datasheet
163Kb / 3P
   Medium Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com