Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDZ16B Datasheet(PDF) 2 Page - Rohm

Part # EDZ16B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EDZ16B Datasheet(HTML) 2 Page - Rohm

  EDZ16B Datasheet HTML 1Page - Rohm EDZ16B Datasheet HTML 2Page - Rohm EDZ16B Datasheet HTML 3Page - Rohm EDZ16B Datasheet HTML 4Page - Rohm EDZ16B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EDZ9.1B
Diodes
Rev.D
2/4
Electrical characteristics (Ta=25 C)
Type No.
MIN.
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
VR(V)
EDZ 3.6B
3.600
3.845
5.0
100
5.0
1000
1.0
10.0
1.0
EDZ 3.9B
3.890
4.160
5.0
100
5.0
1000
1.0
5.0
1.0
EDZ 4.3B
4.170
4.430
5.0
100
5.0
1000
1.0
5.0
1.0
EDZ 4.7B
4.550
4.750
5.0
100
5.0
800
0.5
2.0
1.0
EDZ 5.1B
4.980
5.200
5.0
80
5.0
500
0.5
2.0
1.5
EDZ 5.6B
5.490
5.730
5.0
60
5.0
200
0.5
1.0
2.5
EDZ 6.2B
6.060
6.330
5.0
60
5.0
100
0.5
1.0
3.0
EDZ 6.8B
6.650
6.930
5.0
40
5.0
60
0.5
0.5
3.5
EDZ 7.5B
7.280
7.600
5.0
30
5.0
60
0.5
0.5
4.0
EDZ 8.2B
8.020
8.360
5.0
30
5.0
60
0.5
0.5
5.0
EDZ 9.1B
8.850
9.230
5.0
30
5.0
60
0.5
0.5
6.0
EDZ 10B
9.770
10.210
5.0
30
5.0
60
0.5
0.1
7.0
EDZ 11B
10.760
11.220
5.0
30
5.0
60
0.5
0.1
8.0
EDZ 12B
11.740
12.240
5.0
30
5.0
80
0.5
0.1
9.0
EDZ 13B
12.910
13.490
5.0
37
5.0
80
0.5
0.1
10.0
EDZ 15B
14.340
14.980
5.0
42
5.0
80
0.5
0.1
11.0
EDZ 16B
15.850
16.510
5.0
50
5.0
80
0.5
0.1
12.0
EDZ 18B
17.560
18.350
5.0
65
5.0
80
0.5
0.1
13.0
EDZ 20B
19.520
20.390
5.0
85
5.0
100
0.5
0.1
15.0
EDZ 22B
21.540
22.470
5.0
5.0
100
0.5
0.1
17.0
EDZ 24B
23.720
24.780
5.0
5.0
120
0.5
0.1
19.0
EDZ 27B
26.190
27.530
2.0
2.0
150
0.5
0.1
21.0
EDZ 30B
29.190
30.690
2.0
2.0
200
0.5
0.1
23.0
EDZ 33B
32.150
33.790
2.0
2.0
250
0.5
0.1
25.0
EDZ 36B
35.070
36.870
2.0
2.0
300
0.5
0.1
27.0
(
)The zener voltage(Vz) is measured 40ms after power is supplied.
(
)The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
Symbol
Zener voltage Vz(V)
TYP.
Operating
resistance Zz(
Rising operating
resistance Zz(
Reverse current
IR(uA
TYPE
TYPE
EDZ
3.6B
EDZ
12B
EDZ
3.9B
EDZ
13B
EDZ
4.3B
EDZ
15B
EDZ
4.7B
EDZ
16B
EDZ
5.1B
EDZ
18B
EDZ
5.6B
EDZ
20B
EDZ
6.2B
EDZ
22B
EDZ
6.8B
EDZ
24B
EDZ
7.5B
EDZ
27B
EDZ
8.2B
EDZ
30B
EDZ
9.1B
EDZ
33B
EDZ
10B
EDZ
36B
EDZ
11B


Similar Part No. - EDZ16B

ManufacturerPart #DatasheetDescription
logo
Rohm
EDZ16B ROHM-EDZ16B Datasheet
141Kb / 5P
   Zener diode
EDZ16B ROHM-EDZ16B Datasheet
1Mb / 3P
   Zener diode
EDZ16B ROHM-EDZ16B Datasheet
162Kb / 5P
   Zener diode
EDZ16B ROHM-EDZ16B Datasheet
124Kb / 5P
   Zener diode
EDZ16B ROHM-EDZ16B Datasheet
143Kb / 5P
   Zener diode
More results

Similar Description - EDZ16B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com