Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES6U42 Datasheet(PDF) 6 Page - Rohm

Part # ES6U42
Description  2.5V Drive PchSBD MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ES6U42 Datasheet(HTML) 6 Page - Rohm

  ES6U42 Datasheet HTML 1Page - Rohm ES6U42 Datasheet HTML 2Page - Rohm ES6U42 Datasheet HTML 3Page - Rohm ES6U42 Datasheet HTML 4Page - Rohm ES6U42 Datasheet HTML 5Page - Rohm ES6U42 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Appendix-Rev4.0
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact your nearest sales office.
ROHM Customer Support System
THE AMERICAS / EUROPE / ASIA / JAPAN
Contact us : webmaster@ rohm.co.jp
www.rohm.com
Copyright © 2009 ROHM Co.,Ltd.
21 Saiin Mizosaki-cho, Ukyo-ku, Kyoto 615-8585, Japan
TEL : +81-75-311-2121
FAX : +81-75-315-0172
Appendix
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM
CO.,LTD.
The content specified herein is subject to change for improvement without notice.
The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you
wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM
upon request.
Examples of application circuits, circuit constants and any other information contained herein illustrate the
standard usage and operations of the Products. The peripheral conditions must be taken into account
when designing circuits for mass production.
Great care was taken in ensuring the accuracy of the information specified in this document. However, should
you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no re-
sponsibility for such damage.
The technical information specified herein is intended only to show the typical functions of and examples
of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to
use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no re-
sponsibility whatsoever for any dispute arising from the use of such technical information.
The Products specified in this document are intended to be used with general-use electronic equipment
or devices (such as audio visual equipment, office-automation equipment, communication devices, elec-
tronic appliances and amusement devices).
The Products are not designed to be radiation tolerant.
While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or
malfunction for a variety of reasons.
Please be sure to implement in your equipment using the Products safety measures to guard against the
possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as
derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your
use of any Product outside of the prescribed scope or not in accordance with the instruction manual.
The Products are not designed or manufactured to be used with any equipment, device or system
which requires an extremely high level of reliability the failure or malfunction of which may result in a direct
threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment,
aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear
no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intend-
ed to be used for any such special purpose, please contact a ROHM sales representative before purchasing.
If you intend to export or ship overseas any Product or technology specified herein that may be controlled under
the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.


Similar Part No. - ES6U42

ManufacturerPart #DatasheetDescription
logo
Rohm
ES6U41 ROHM-ES6U41 Datasheet
185Kb / 6P
   2.5V Drive NchSBD MOSFET
ES6U41 ROHM-ES6U41 Datasheet
198Kb / 5P
   2.5V Drive NchSBD MOSFET
ES6U41 ROHM-ES6U41_12 Datasheet
198Kb / 5P
   2.5V Drive NchSBD MOSFET
More results

Similar Description - ES6U42

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U26 ROHM-QS5U26_1 Datasheet
107Kb / 5P
   2.5V Drive PchSBD MOSFET
US5U30 ROHM-US5U30_1 Datasheet
94Kb / 5P
   2.5V Drive PchSBD MOSFET
QS5U26TR ROHM-QS5U26TR Datasheet
71Kb / 6P
   2.5V Drive Pch SBD MOSFET
US5U38 ROHM-US5U38 Datasheet
139Kb / 6P
   2.5V Drive PchSBD MOSFET
QS5U23TR ROHM-QS5U23TR Datasheet
80Kb / 6P
   2.5V Drive Pch SBD MOS FET
QS5U21 ROHM-QS5U21_06 Datasheet
95Kb / 5P
   2.5V Drive PchSBD MOS FET
QS5U23 ROHM-QS5U23_06 Datasheet
96Kb / 5P
   2.5V Drive PchSBD MOS FET
QS5U28 ROHM-QS5U28_06 Datasheet
87Kb / 5P
   2.5V Drive PchSBD MOS FET
QS6U22 ROHM-QS6U22_1 Datasheet
89Kb / 5P
   2.5V Drive PchSBD MOS FET
US5U29 ROHM-US5U29_1 Datasheet
83Kb / 5P
   2.5V Drive PchSBD MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com