Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE6.8A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1.5KE6.8A
Description  Unidirectional & Bidirectional Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1.5KE6.8A Datasheet(HTML) 3 Page - Microsemi Corporation

  1.5KE6.8A Datasheet HTML 1Page - Microsemi Corporation 1.5KE6.8A Datasheet HTML 2Page - Microsemi Corporation 1.5KE6.8A Datasheet HTML 3Page - Microsemi Corporation 1.5KE6.8A Datasheet HTML 4Page - Microsemi Corporation 1.5KE6.8A Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Unidirectional & Bidirectional
Transient Voltage Suppressors
S C O T TS DALE DIVISION
1N6267 thru 1N6303A, e3
1.5KE6.8 thru 1.5KE400CA, e3
Rated
Standoff
Voltage
VWM
(NOTE 1)
Breakdown
Voltage
V(BR)
@
I(BR)
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Standby
Current
ID @ VWM
Maximum
Peak Pulse
Current
IPP
(Fig. 2)
Maximum
Temperature
Coefficient of
V(BR)
α
V(BR)
Industry
Type
Number
JEDEC
Type
Number
Volts
Volts
Min.
Max.
mA
Volts
μA
A
%/
oC
1.5KE82
1.5KE82A
1.5KE91
1.5KE91A
1N6293
1N6293A
1N6294
1N6294A
66.40
70.10
73.70
77.80
73.80 – 90.20
77.90 – 86.10
81.90 – 100.00
86.50 – 95.50
1
1
1
1
118.0
113.0
131.0
125.0
1
1
1
1
12.7
13.3
11.4
12.0
.105
.105
.106
.106
1.5KE100
1.5KE100A
1.5KE110
1.5KE110A
1N6295
1N6295A
1N6296
1N6296A
81.00
85.50
89.20
94.00
90.00 – 110.00
95.00 – 105.00
99.00 – 121.00
105.00 – 116.00
1
1
1
1
144.0
137.0
158.0
152.0
1
1
1
1
10.4
11.0
9.5
9.9
.106
.106
.107
.107
1.5KE120
1.5KE120A
1.5KE130
1.5KE130A
1N6297
1N6297A
1N6298
1N6298A
97.20
102.00
105.00
111.00
108.00 – 132.00
114.00 – 126.00
117.00 – 143.00
124.00 – 137.00
1
1
1
1
173.0
165.0
187.0
179.0
1
1
1
1
8.7
9.1
8.0
8.4
.107
.107
.107
.107
1.5KE150
1.5KE150A
1.5KE160
1.5KE160A
1N6299
1N6299A
1N6300
1N6300A
121.00
128.00
130.00
136.00
135.00 – 165.00
143.00 – 158.00
144.00 – 176.00
152.00 – 168.00
1
1
1
1
215.0
207.0
230.0
219.0
1
1
1
1
7.0
7.2
6.5
6.8
.108
.108
.108
.108
1.5KE170
1.5KE170A
1.5KE180
1.5KE180A
1N6301
1N6301A
1N6303
1N6303A
138.00
145.00
146.00
154.00
153.00 – 187.00
162.00 – 179.00
162.00 – 198.00
171.00 – 189.00
1
1
1
1
244.0
234.0
258.0
246.0
1
1
1
1
6.2
6.4
5.8
6.1
.108
.108
.108
.108
1.5KE200
1.5KE200A
1.5KE220
1.5KE220A
-
162.00
171.00
175.00
185.00
180.00 – 220.00
190.00 – 210.00
198.00 – 242.00
209.00 – 231.00
1
1
1
1
287.0
274.0
344.0
328.0
1
1
1
1
5.2
5.5
4.3
4.6
.108
.108
.110
.110
1.5KE250
1.5KE250A
1.5KE300
1.5KE300A
-
202.00
214.00
243.00
256.00
225.00 – 275.00
237.00 – 263.00
270.00 – 330.00
285.00 – 315.00
1
1
1
1
360.0
344.0
430.0
414.0
1
1
1
1
5.0
5.0
5.0
5.0
.110
.110
.111
.111
1.5KE350
1.5KE350A
1.5KE400
1.5KE400A
-
284.00
300.00
324.00
324.00
315.00 – 385.00
332.00 – 368.00
360.00 – 440.00
380.00 – 420.00
1
1
1
1
504.0
482.0
574.0
548.0
1
1
1
1
4.0
4.0
4.0
4.0
.111
.111
.111
.111
NOTES: 1.
Normal selection criteria for TVS devices is by rated stand-off voltage (VWM) and should be equal or greater than dc or continuous peak
operating voltage.
2.
TVS devices are tested to maximum peak pulse current (IPP) with clamping voltage monitored. This surge capability is one of the most
significant electrical characteristics of the device and should be considered as part of customer quality inspections.
3.
For Bidirectional part number add C or CA as suffix (e.e., 1.5KE33C or 1.5KE33CA). For Bidirectional types having VWM of 8 volts and
under, the ID leakage current is doubled. 1N62XX or 1N5908 not available as Bidirectional. For Bipolar capacitance will be .5 that shown in
Fig. 2 for zero bias.
4.
For unidirectional, the forward voltage (VF) is 3.5 volts maximum at 100 Amps peak for 8.3 ms half-sine wave.
SYMBOLS & DEFINITIONS
Symbol
Definition
VWM
Working Peak (Standoff) Voltage
IPP
Peak Pulse Current
PPP
Peak Pulse Power
VC(MAX)
Maximum Clamping Voltage
V(BR)
Breakdown Voltage
I(BR)
Test Current
ID
Standby Current
Microsemi
Scottsdale Division
Page 3
Copyright
© 2009
11-03-2009 Rev G; SA4-15
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - 1.5KE6.8A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE6.8A NJSEMI-1.5KE6.8A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
1.5KE6.8A SAMYANG-1.5KE6.8A Datasheet
1Mb / 6P
   Transient Voltage Suppressor Diodes
logo
MIC GROUP RECTIFIERS
1.5KE6.8A MIC-1.5KE6.8A Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1.5KE6.8A NJSEMI-1.5KE6.8A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
1.5KE6.8A SHUNYE-1.5KE6.8A Datasheet
659Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
More results

Similar Description - 1.5KE6.8A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1.5KE18CA MICROSEMI-1.5KE18CA Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com