Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.4KESD70 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1.4KESD70
Description  AXIAL-LEAD TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1.4KESD70 Datasheet(HTML) 1 Page - Microsemi Corporation

  1.4KESD70 Datasheet HTML 1Page - Microsemi Corporation 1.4KESD70 Datasheet HTML 2Page - Microsemi Corporation 1.4KESD70 Datasheet HTML 3Page - Microsemi Corporation 1.4KESD70 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXIAL-LEAD TVS
S C O T TS DALE DIVISION
1.4KESD5.0 thru 1.4KESD170CA, e3
DESCRIPTION
APPEARANCE
These small axial-leaded TVS devices feature the ability to clamp
dangerous high voltage short-term transients such as produced by directed
or radiated electrostatic discharge phenomena before entering sensitive
component regions of a circuit design. They are small economical transient
voltage suppressors targeted primarily for short-term transients below a few
microseconds while still achieving significant peak-pulse-power capability
as illustrated in Figure #1.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Excellent protection in clamping direct ESD level
transients in excess of 15,000 V per MIL-STD-750,
Method 1020 (approx. 150 ns exponential wave)
• Absorbs ESD level transients* of 1400 Watts per MIL-
STD-750, Method 1020 (approx. 150 ns exponential
wave, or one microsecond transients up to 400 watts.
See Figure #1 and #2 for overall transient Peak Pulse
Power.
• Clamps Transients in less than 100 picoseconds
• Working Stand-off Voltage range of 5 V to 170 V
• Hermetic DO-35 Package. Also available in surface
mount DO-213AA MELF package (see separate data
sheet)
• RoHS Compliant devices available by adding “e3” suffix
• Protects Sensitive circuits from short duration fast
rise time transients such as Electrostatic Discharge
(ESD) or Electrical Fast Transients (EFT)
• Low inherent capacitance for high-frequency
applications (See Figure #4)
• Flexible axial-lead mounting terminals
• Bidirectional features available by adding a “C” or
“CA” suffix
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• 400 Watts for One Microsecond Square Wave or
1400 watts per ESD Wave form of MIL-STD-750,
method 1020.
• See Surge Rating curve in Figures #1 and 2.
• Operating and storage temperature –65oC to 175oC
• THERMAL RESISTANCE: Less than 250oC/W
junction to lead at 0.375 inches from body.
• DC power dissipation 500 mW at T
L = 75
oC at 3/8
inch (10 mm) lead length from body.
• Derate at 2.3 W/oC above 25oC for P
PP (1μs) and at
5 mW/
oC above 100oC for dc power.
• Forward Surge Current 50 amps for 1μs at T
L = 25
oC
(rise time > 100 ns).
• CASE: Hermetically sealed axial-lead glass DO-35
(DO-204AH) package
• FINISH: Tin-lead or RoHS Compliant matte-Tin
plating solderable per MIL-STD-750, method 2026
• POLARITY: Banded end is cathode
• WEIGHT: 0.2 grams (typical)
• MARKING: Part number
• TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
• See package dimension on last page
DO-35
(DO-204AH)
Microsemi
Scottsdale Division
Page 1
Copyright
© 2006
3-29-2006 REV B
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Description - 1.4KESD70

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
14KESD170CA MICROSEMI-14KESD170CA Datasheet
195Kb / 4P
   AXIAL-LEAD TVS
logo
DONGGUAN YOU FENG WEI E...
SAC5.0 YFWDIODE-SAC5.0 Datasheet
852Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Socay Electornics Co., ...
P4KE6.8 SOCAY-P4KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
20KPA SOCAY-20KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
30KPA SOCAY-30KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com