Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8144-10 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8144-10
Description  Integrated 10-bit Data Acquisition system for Imaging Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8144-10 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8144-10 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8144-10 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8144-10 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8144-10 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8144-10 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8144-10 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8144-10 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8144-10 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8144-10 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
WM8144-10
Wolfson Microelectronics
5
Electrical Characteristics (Contd.)
VDD = 4.75V to 5.25V, GND = 0 V, ........TA = 0oC to +70oC, MLCK = 12MHz unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Switching Characteristics
MCLK Period
tPER
83.3
ns
MCLK High
tCKH
37.5
ns
MCLK Low
tCKL
37.5
ns
Data Set-up time
tDSU
10
ns
VSMP, RLC Data Hold Time
tDH
10
ns
CDATA Data Hold Time
tDH
30
ns
Output Propagation Delay
tPD
IOH = 1.0mA
75
ns
Output Enable TIme
tPZE
IOL = 1.0mA
75
ns
Output Disable Time
tPEZ
25
ns
Serial Interface
SCK Period
tSPER
83.3
ns
SCK High
tSCKH
37.5
ns
SCK Low
tSCKL
37.5
ns
SDI Set up time
tSSU
10
ns
SDI Hold Time
tSH
10
ns
Set up time - SCK to SEN
tSCE
20
ns
Set up time - SEN to SCK
tSEC
20
ns
SEN Pulse W idth
tSEW
50
ns
Parallel Interface
RNW Low to OP[9:2] Tristate
tOPZ
20
ns
Address Setup Time to STB Low
tASU
0
ns
DNA Low Setup Time to STB Low
tADLS
10
ns
Strobe Low Time
tSTB
50
ns
Address Hold Time from STB High
tAH
10
ns
DNA Low Hold Time from STB High
tADLH
10
ns
Data Set-up Time to STB Low
tDSU
0
ns
DNA High Setup Time to STB Low
tADHS
10
ns
Data Hold Time from STB High
tDH
10
ns
DNA High Hold Time from STB High
tADHH
10
ns
RNW High to OP[9:2] Output
tOPD
0
ns


Similar Part No. - WM8144-10

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8144-12 WOLFSON-WM8144-12 Datasheet
351Kb / 27P
   Integrated 12-bit Data Acquisition System for Imaging Applications
WM8144-12CFT/V WOLFSON-WM8144-12CFT/V Datasheet
351Kb / 27P
   Integrated 12-bit Data Acquisition System for Imaging Applications
More results

Similar Description - WM8144-10

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8144-12 WOLFSON-WM8144-12 Datasheet
351Kb / 27P
   Integrated 12-bit Data Acquisition System for Imaging Applications
logo
Linear Technology
LTC1090CS LINER-LTC1090CS Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Summit Microelectronics...
SMD1103 SUMMIT-SMD1103 Datasheet
502Kb / 14P
   10-Bit Data Acquisition System for Autonomous Environmental Monitoring
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Linear Technology
LTC1090 LINER-LTC1090 Datasheet
344Kb / 28P
   Single Chip 10-Bit Data Acquisition System
LTC1090 LINER-LTC1090_15 Datasheet
353Kb / 28P
   Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com