Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD69012 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # PD69012
Description  12 Ports Power Over Ethernet Manager
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69012 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button PD69012 Datasheet HTML 3Page - Microsemi Corporation PD69012 Datasheet HTML 4Page - Microsemi Corporation PD69012 Datasheet HTML 5Page - Microsemi Corporation PD69012 Datasheet HTML 6Page - Microsemi Corporation PD69012 Datasheet HTML 7Page - Microsemi Corporation PD69012 Datasheet HTML 8Page - Microsemi Corporation PD69012 Datasheet HTML 9Page - Microsemi Corporation PD69012 Datasheet HTML 10Page - Microsemi Corporation PD69012 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PD69012 - 12 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
Page 7
Copyright
© 2009
Rev. 1.0, 2009-03-03
PIN NAME:
RESET_N
SDA
SDA_OUT Multiplexed with TEST_MODE
PAD TYPE:
Digital I/O – input/output open drain
CMOS Open Drain Output with Schmitt Trigger Input, TTL Level (external pull up
resistor Only))
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
High Level Input Voltage
VIH
2.0
V
Low Level Output Voltage
VOL
0.4
V
Iout = 6 mA
Low Level Input Voltage
VIL
0.8
V
Input Voltage Hysteresis
0.3
V
OFF State Output Current
-1
+1
uA
PIN NAME:
CS_EEPROM & LSL Multiplexed with INTERRUPT_N
PAD TYPE:
CMOS Open Drain Output (external pull up res. Only))
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Low Level Output Voltage
0.4
V
Iout = 6mA
OFF State Output Current
-1
+1
uA
PIN NAME:
VPORT_NEGx
REF_PORT_NEG
PAD TYPE:
High Voltage Analog Pad
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Pin Current Consumption
-10
+10
uA
Port driver OFF, Vport
differential measurement
OFF, AC generator OFF
PIN NAME:
PORT_SENSEx
PAD TYPE:
Low Voltage Analog Pad
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Operating Voltage
0
0.5
V
With external 0.5 ohm 2% to
GND
Internal Current Consumption
20
uA


Similar Part No. - PD69012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD69008 MICROSEMI-PD69008 Datasheet
465Kb / 15P
   8 Ports Power Over Ethernet Manager
More results

Similar Description - PD69012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD69008 MICROSEMI-PD69008 Datasheet
465Kb / 15P
   8 Ports Power Over Ethernet Manager
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
   4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
   PoE(Power over Ethernet)
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
AG9000-S ETC2-AG9000-S Datasheet
299Kb / 14P
   Power-Over-Ethernet Module
logo
Silver Telecom 2019
AG9700 SILVERTEL-AG9700 Datasheet
519Kb / 22P
   Power-Over-Ethernet Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com