Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC124EUB Datasheet(PDF) 1 Page - Rohm

Part # DTC124EUB
Description  100mA / 50V Digital transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC124EUB Datasheet(HTML) 1 Page - Rohm

  DTC124EUB Datasheet HTML 1Page - Rohm DTC124EUB Datasheet HTML 2Page - Rohm DTC124EUB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
DTC124EUB
1/2
100mA / 50V Digital transistors
(with built-in resistors)
DTC124EUB
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Abbreviated symbol : 25
UMT3F
(1) IN
(2) GND
(3) OUT
Each lead has same dimensions
2.0
0.32
0.65 0.65
1.3
(1)
(2)
(3)
0.9
0.13
Features
1) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing
of the input. They also have the advantage of
almost completely eliminating parasitic effects.
3) Only the on/off conditions need to be set for
operation, making the device design easy.
Structure
Equivalent circuit
NPN silicon epitaxial planar transistor type
R1
R2
IN
GND
OUT
IN
GND
OUT
R1=R2=22k
(Resistor built-in)
Packaging specifications
DTC124EUB
Part No.
TL
UMT3F
3000
Package
Packaging type
Taping
Code
Basic ordering unit (pieces)
Absolute maximum ratings (Ta=25
°C)
Limits
Parameter
Symbol
200
50
−10 to +40
−55 to +150
30
150
V
V
mA
mW
°C
°C
∗1
∗2
∗1 Characteristics of built-in transistor
∗2 Each terminal mounted on a recommended land
Unit
Supply voltage
Input voltage
Output current
100
mA
VIN
Io
PD
Tj
Tstg
Ic(max)
Collector current
Power dissipation
Junction temperature
Range of storage temperature
VCC


Similar Part No. - DTC124EUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124EUB ROHM-DTC124EUB Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
DTC124EUB ROHM-DTC124EUB Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC124EUB ROHM-DTC124EUB Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124EUB ROHM-DTC124EUB Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC124EUB ROHM-DTC124EUB Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC124EUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
   -100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZUB ROHM-DTA143ZUB Datasheet
101Kb / 3P
   -100mA / -50V Digital transistors
DTC144EUB ROHM-DTC144EUB Datasheet
84Kb / 3P
   100mA / 50V Digital transistors
DTC143ZUB ROHM-DTC143ZUB Datasheet
85Kb / 3P
   100mA / 50V Digital transistors
DTA143XUB ROHM-DTA143XUB Datasheet
160Kb / 3P
   -100mA / -50V Digital transistors
DTC124EEB ROHM-DTC124EEB Datasheet
158Kb / 3P
   100mA / 50V Digital transistors
DTA143XE ROHM-DTA143XE_09 Datasheet
147Kb / 3P
   -100mA /-50V Digital transistors
DTA114EUB ROHM-DTA114EUB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com