Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143XUB Datasheet(PDF) 2 Page - Rohm

Part # DTA143XUB
Description  -100mA / -50V Digital transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA143XUB Datasheet(HTML) 2 Page - Rohm

  DTA143XUB Datasheet HTML 1Page - Rohm DTA143XUB Datasheet HTML 2Page - Rohm DTA143XUB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.07 - Rev.B
Data Sheet
DTA143XUB
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−2.5
3.29
30
1.7
−100
4.7
2.1
250
−0.3
−300
−1.8
−500
6.11
2.6
V
VCC
=−5V, IO=−100µA
VO
=−0.3V, IO=−20mA
IO
=−10mA, II=−0.5mA
VI
=−5V
VCC
=−50V, VI=0V
VO
=−5V, IO=−10mA
VCE
=−10V, IE=5mA, f=100MHz
mV
mA
nA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Characteristics of built-in transistor
Electrical characteristic curves
OUTPUT CURRENT : IO
(V)
−100
−50
−20
−10
−5
−2
−1
−500m
−200m
−100m
VO
=−0.3V
−100µ−200µ−500µ−1m −2m
−5m −10m −20m −50m −100m
Ta
=−40°C
25
°C
100
°C
Fig.1 Input voltage vs. output current
(ON characteristics)
0
−3.0
INPUT VOLTAGE : VI(off)
(V)
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1.0
−1.5
−2.0
−2.5
Fig.2 Output current vs. input voltage
(OFF characteristics)
VCC
=−5V
Ta
=100°C
25
°C
−40°C
OUTPUT CURRENT : IO
(V)
1k
500
200
100
50
20
10
5
2
1
VO
=−5V
−100µ−200µ−500µ−1m −2m
−5m −10m −20m −50m −100m
Ta
=100°C
25
°C
−40°C
Fig.3 DC current gain vs. output
current
OUTPUT CURRENT : IO
(V)
−1
−500m
−200m
−100m
−50m
−20m
−10m
−5m
−2m
−1m
IO/II
=20
−1m
−10m
−100m
−100µ−200µ−500µ−2m
−5m
−20m −50m
Ta
=100°C
25
°C
−40°C
Fig.4 Output voltage vs. output
current


Similar Part No. - DTA143XUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143XUB ROHM-DTA143XUB Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143XUB ROHM-DTA143XUB Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
DTA143XUBHZG ROHM-DTA143XUBHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
More results

Similar Description - DTA143XUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
   -100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZUB ROHM-DTA143ZUB Datasheet
101Kb / 3P
   -100mA / -50V Digital transistors
DTC144EUB ROHM-DTC144EUB Datasheet
84Kb / 3P
   100mA / 50V Digital transistors
DTC143ZUB ROHM-DTC143ZUB Datasheet
85Kb / 3P
   100mA / 50V Digital transistors
DTC124EEB ROHM-DTC124EEB Datasheet
158Kb / 3P
   100mA / 50V Digital transistors
DTA143XE ROHM-DTA143XE_09 Datasheet
147Kb / 3P
   -100mA /-50V Digital transistors
DTA114EUB ROHM-DTA114EUB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com