Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124EUB Datasheet(PDF) 1 Page - Rohm

Part # DTA124EUB
Description  -100mA / -50V Digital transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA124EUB Datasheet(HTML) 1 Page - Rohm

  DTA124EUB Datasheet HTML 1Page - Rohm DTA124EUB Datasheet HTML 2Page - Rohm DTA124EUB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
DTA124EUB
1/2
-100mA / -50V Digital transistors
(with built-in resistors)
DTA124EUB
Applications
Dimensions
(Unit : mm)
Inverter, Interface, Driver
Abbreviated symbol : 15
UMT3F
(1) IN
(2) GND
(3) OUT
Each lead has same dimensions
2.0
0.32
0.65 0.65
1.3
(1)
(2)
(3)
0.9
0.13
Features
1) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing
of the input. They also have the advantage of
almost completely eliminating parasitic effects.
3) Only the on/off conditions need to be set for
operation, making the device design easy.
Structure
Equivalent circuit
PNP silicon epitaxial planar transistor type
R1
R2
IN
R1=R2=22k
Ω
GND(+)
OUT
IN
GND(+)
OUT
(Resistor built-in)
Packaging specifications
DTA124EUB
Part No.
TL
UMT3F
3000
Package
Packaging type
Taping
Code
Basic ordering unit (pieces)
Absolute maximum ratings
(Ta=25 C)
Parameter
Symbol
VCC
200
−50
−40 to +10
−100
−30
150
−55 to +150
V
VIN
IC(max.)
V
mA
mA
mW
°C
°C
IO
PD
Tj
Tstg
Unit
Limits
Supply voltage
Input voltage
Collector current
Output current
Power dissipation
Junction temperature
Range of storage temperature
∗2
∗1
∗1 Characteristics of built-in transistor
∗2 Each terminal mounted on a recommended land


Similar Part No. - DTA124EUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EUB ROHM-DTA124EUB Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUB ROHM-DTA124EUB Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
DTA124EUB ROHM-DTA124EUB Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUB ROHM-DTA124EUB Datasheet
279Kb / 11P
   Built-In Biasing Resistors, R1 = R2 = 22k??
DTA124EUB ROHM-DTA124EUB Datasheet
1Mb / 13P
   PNP -100mA -50V Digital Transistor
More results

Similar Description - DTA124EUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
   -100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZUB ROHM-DTA143ZUB Datasheet
101Kb / 3P
   -100mA / -50V Digital transistors
DTC144EUB ROHM-DTC144EUB Datasheet
84Kb / 3P
   100mA / 50V Digital transistors
DTC143ZUB ROHM-DTC143ZUB Datasheet
85Kb / 3P
   100mA / 50V Digital transistors
DTA143XUB ROHM-DTA143XUB Datasheet
160Kb / 3P
   -100mA / -50V Digital transistors
DTC124EEB ROHM-DTC124EEB Datasheet
158Kb / 3P
   100mA / 50V Digital transistors
DTA143XE ROHM-DTA143XE_09 Datasheet
147Kb / 3P
   -100mA /-50V Digital transistors
DTA114EUB ROHM-DTA114EUB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com