Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX9548CMTR Datasheet(PDF) 11 Page - Microsemi Corporation

Part # NX9548CMTR
Description  9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX9548CMTR Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button NX9548CMTR Datasheet HTML 7Page - Microsemi Corporation NX9548CMTR Datasheet HTML 8Page - Microsemi Corporation NX9548CMTR Datasheet HTML 9Page - Microsemi Corporation NX9548CMTR Datasheet HTML 10Page - Microsemi Corporation NX9548CMTR Datasheet HTML 11Page - Microsemi Corporation NX9548CMTR Datasheet HTML 12Page - Microsemi Corporation NX9548CMTR Datasheet HTML 13Page - Microsemi Corporation NX9548CMTR Datasheet HTML 14Page - Microsemi Corporation NX9548CMTR Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NX9548
11
Rev.1.6
03/06/09
APPLICATION INFORMATION
Symbol Used In Application Information:
VIN
- Input voltage
VOUT
- Output voltage
IOUT
- Output current
DVRIPPLE - Output voltage ripple
FS
- Working frequency
DIRIPPLE - Inductor current ripple
Design Example
The following is typical application for NX9548, the
schematic is figure 1.
VIN = 8 to 22V
VOUT=1.5V
FS=220kHz
IOUT=9A
DVRIPPLE <=60mV
DVDROOP<=60mV @ 3A step
On_Time and Frequency Calculation
The constant on time control technique used in
NX9548 delivers high efficiency, excellent transient dy-
namic response, make it a good candidate for step down
notebook applications.
An internal one shot timer turns on the high side
driver with an on time which is proportional to the input
supply
VIN as well inversely proportional to the output
voltage
VOUT. During this time, the output inductor charges
the output cap increasing the output voltage by the
amount equal to the output ripple. Once the timer turns
off, the Hdrv turns off and cause the output voltage to
decrease until reaching the internal FB voltage of 0.75V
on the PFM comparator. At this point the comparator
trips causing the cycle to repeat itself. A minimum off
time of 400nS is internally set.
The equation setting the On Time is as follows:
12
TON
OUT
IN
4.45 10
RV
TON
V
0.5V
×××
=
...(1)
OUT
S
IN
V
F
V
TON
=
×
...(2)
In this application example, the RTON is chosen
to be 1Mohm, when VIN=22V, the TON is 310nS and F
S
is around 220kHz.
Output Inductor Selection
The value of inductor is decided by inductor ripple
current and working frequency. Larger inductor value nor-
mally means smaller ripple current. However if the in-
ductance is chosen too large, it brings slow response
and lower efficiency. The ripple current is a design free-
dom which can be decided by design engineer accord-
ing to various application requirements. The inductor value
can be calculated by using the following equations:
(
)
IN
OUT
ON
OUT
RIPPLE
RIPPLE
OUTPUT
V -VT
L=
I
I
=kI
×
×
...(3)
where k is percentage of output current.
In this example, inductor from COILCRAFT
DO5010H-332 with L=3.3uH is chosen.
Current Ripple is recalculated as below:
IN
OUT
ON
RIPPLE
OUT
(V -V
)T
I=
L
(22V-1.5V) 310nS
=
3.3uH
=1.925A
×
×
...(4)
Output Capacitor Selection
Output capacitor is basically decided by the
amount of the output voltage ripple allowed during steady
state(DC) load condition as well as specification for the
load transient. The optimum design may require a couple
of iterations to satisfy both conditions.
Based on DC Load Condition
The amount of voltage ripple during the DC load
condition is determined by equation(5).
=
× ∆+
××
RIPPLE
RIPPLE
RIPPLE
S
OUT
I
V
ESRI
8 FC
...(5)
Where ESR is the output capacitors' equivalent
series resistance,C
OUT is the value of output capacitors.
Typically POSCAP is recommended to use in
NX9548's applications. The amount of the output voltage
ripple is dominated by the first term in equation(5) and
the second term can be neglected.
For this example, one POSCAP 2R5TPE330MC


Similar Part No. - NX9548CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX9511B MICROSEMI-NX9511B Datasheet
519Kb / 16P
   9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
NX9511BCMTR MICROSEMI-NX9511BCMTR Datasheet
519Kb / 16P
   9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
More results

Similar Description - NX9548CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2138 MICROSEMI-NX2138 Datasheet
605Kb / 16P
   SINGLE CHANNEL MOBILE PWM CONTROLLER
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Intersil Corporation
ISL62884C INTERSIL-ISL62884C Datasheet
747Kb / 30P
   Single-Phase PWM Regulator for IMVP-6??Mobile CPUs
logo
Maxim Integrated Produc...
MAX8973A MAXIM-MAX8973A Datasheet
12Mb / 49P
   9A, Three-Phase Step-Down Switching Regulator
Rev 0; 2/13
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Microsemi Corporation
NX2147 MICROSEMI-NX2147 Datasheet
492Kb / 11P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
NX2141 MICROSEMI-NX2141 Datasheet
915Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
logo
Hitachi Semiconductor
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
   PWM Controlled Switching Regulator
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62881C INTERSIL-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com