Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX9548CMTR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # NX9548CMTR
Description  9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX9548CMTR Datasheet(HTML) 4 Page - Microsemi Corporation

  NX9548CMTR Datasheet HTML 1Page - Microsemi Corporation NX9548CMTR Datasheet HTML 2Page - Microsemi Corporation NX9548CMTR Datasheet HTML 3Page - Microsemi Corporation NX9548CMTR Datasheet HTML 4Page - Microsemi Corporation NX9548CMTR Datasheet HTML 5Page - Microsemi Corporation NX9548CMTR Datasheet HTML 6Page - Microsemi Corporation NX9548CMTR Datasheet HTML 7Page - Microsemi Corporation NX9548CMTR Datasheet HTML 8Page - Microsemi Corporation NX9548CMTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NX9548
4
Rev.1.6
03/06/09
NOTE1: This parameter is guaranteed by design but not tested in production(GBNT).
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
SW zero cross comparator
Offset voltage
5
mV
Current Limit
Ocset setting current
24
uA
Over temperature
Threshold
NOTE1
155
oC
Hysteresis
15
oC
Under voltage
FB threshold
70
%Vref
Over voltage
Over voltage tripp point
125
%Vref
Internal Schottky Diode
Forward voltage drop
forward current=50mA
500
mV
Ouput Stage
High Side MOSFET RDSON
20
mohm
Low Side MOSFET R
DSON
17
mohm
Output Current
9
A


Similar Part No. - NX9548CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX9511B MICROSEMI-NX9511B Datasheet
519Kb / 16P
   9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
NX9511BCMTR MICROSEMI-NX9511BCMTR Datasheet
519Kb / 16P
   9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
More results

Similar Description - NX9548CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2138 MICROSEMI-NX2138 Datasheet
605Kb / 16P
   SINGLE CHANNEL MOBILE PWM CONTROLLER
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Intersil Corporation
ISL62884C INTERSIL-ISL62884C Datasheet
747Kb / 30P
   Single-Phase PWM Regulator for IMVP-6??Mobile CPUs
logo
Maxim Integrated Produc...
MAX8973A MAXIM-MAX8973A Datasheet
12Mb / 49P
   9A, Three-Phase Step-Down Switching Regulator
Rev 0; 2/13
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Microsemi Corporation
NX2147 MICROSEMI-NX2147 Datasheet
492Kb / 11P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
NX2141 MICROSEMI-NX2141 Datasheet
915Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
logo
Hitachi Semiconductor
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
   PWM Controlled Switching Regulator
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62881C INTERSIL-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com