Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX4108CZ1TR Datasheet(PDF) 10 Page - Microsemi Corporation

Part # NX4108CZ1TR
Description  1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX4108CZ1TR Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button NX4108CZ1TR Datasheet HTML 4Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 5Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 6Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 7Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 8Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 9Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 10Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 11Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Microsemi
Analog Mixed Signal Group
NX4108
10
Rev. 1.7
12/30/09
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Demoboard Layout
Figure 19 - Demoboard schematic
Figure 20- Top layer
R1
332k
R2
105k
VIN
C1
22u
L1
DO1608C-222
1
2
C2
10u
VOUT
GND
VOUT
VIN
1
U1
N X 4 1 0 8
VIN
4
EN
1
SW
3
FB
5


Similar Part No. - NX4108CZ1TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX4110 MICROSEMI-NX4110 Datasheet
825Kb / 14P
   1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
NX4110CZ1TR MICROSEMI-NX4110CZ1TR Datasheet
825Kb / 14P
   1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
More results

Similar Description - NX4108CZ1TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13097 MICROSEMI-LX13097 Datasheet
816Kb / 12P
   1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
NX4110 MICROSEMI-NX4110 Datasheet
825Kb / 14P
   1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
Rohm
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD8966FVM ROHM-BD8966FVM_15 Datasheet
736Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9130NV ROHM-BD9130NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9132MUV ROHM-BD9132MUV_14 Datasheet
1Mb / 26P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com