Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2415CMTR Datasheet(PDF) 6 Page - Microsemi Corporation

Part # NX2415CMTR
Description  TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2415CMTR Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button NX2415CMTR Datasheet HTML 2Page - Microsemi Corporation NX2415CMTR Datasheet HTML 3Page - Microsemi Corporation NX2415CMTR Datasheet HTML 4Page - Microsemi Corporation NX2415CMTR Datasheet HTML 5Page - Microsemi Corporation NX2415CMTR Datasheet HTML 6Page - Microsemi Corporation NX2415CMTR Datasheet HTML 7Page - Microsemi Corporation NX2415CMTR Datasheet HTML 8Page - Microsemi Corporation NX2415CMTR Datasheet HTML 9Page - Microsemi Corporation NX2415CMTR Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NX2415
6
Rev.4.8
05/06/08
PIN #
SYMBOL
PIN DESCRIPTION
A resistor divider connected from this pin to Vref programs the current limit thresh-
old. The outputs of the internal current sense differential amplifiers are summed
together to represent the output current. This voltage is then compared to this thresh-
old.
A 1.6V buffered reference is brought out.
This pin is used to program the under voltage lockout of the bus supply. A resistor
divider from the bus voltage to this pin programs the under voltage lockout. When
the voltage of this pin is greater than 1.6V, the bus voltage is assumed in operation.
The pin has a 10% hysterisis.
This is the ground connection for the power stage of the controller.
Controller analog ground pin.
Input of OCP amplifier. Place a 10nF to 100nF capacitor from this pin to GND to
filter any noise.
Output over voltage and Pgood sensing pin. A resistor divider plus a small capacitor
should be connected to the this pin to set the OVP and Pgood.
8
1
29
21,
20
32
14
3
OCP
VREF
ENBUS
PGND1,
PGND2
AGND
IOUT
PGSEN


Similar Part No. - NX2415CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2422 MICROSEMI-NX2422 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2422CMTR MICROSEMI-NX2422CMTR Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2423 MICROSEMI-NX2423 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2423CMTR MICROSEMI-NX2423CMTR Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
logo
Pericom Semiconductor C...
NX24SA PERICOM-NX24SA Datasheet
925Kb / 2P
   2.5V/3.3V HCSL FS XO
More results

Similar Description - NX2415CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2423 MICROSEMI-NX2423 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2422 MICROSEMI-NX2422 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
logo
Renesas Technology Corp
ISL6310 RENESAS-ISL6310 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6310 INTERSIL-ISL6310_06 Datasheet
639Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8102 INTERSIL-ISL8102 Datasheet
711Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com