Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2415CMTR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # NX2415CMTR
Description  TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2415CMTR Datasheet(HTML) 4 Page - Microsemi Corporation

  NX2415CMTR Datasheet HTML 1Page - Microsemi Corporation NX2415CMTR Datasheet HTML 2Page - Microsemi Corporation NX2415CMTR Datasheet HTML 3Page - Microsemi Corporation NX2415CMTR Datasheet HTML 4Page - Microsemi Corporation NX2415CMTR Datasheet HTML 5Page - Microsemi Corporation NX2415CMTR Datasheet HTML 6Page - Microsemi Corporation NX2415CMTR Datasheet HTML 7Page - Microsemi Corporation NX2415CMTR Datasheet HTML 8Page - Microsemi Corporation NX2415CMTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NX2415
4
Rev.4.8
05/06/08
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Low Side Driver
(CL=4700pF)
Output Impedance, Sourcing
Current
Rsource(Ldrv)
I=200mA
1.1
ohm
Output Impedance, Sinking
Current
Rsink(Ldrv)
I=200mA
0.5
ohm
Rise Time
TLdrv(Rise)
10% to 90%
40
ns
Fall Time
TLdrv(Fall)
90% to 10%
36
ns
Current Sense
Amplifier(CS+, CS-)
Current Sense Amplifier
Mismatch
0
mV
Voltage Gain
K
29.7
30
30.3
V/V
Droop Voltage Current
Source(Droop)
OCP Adjust
Blank time before activating
OCP
200Khz/Phase
15
uS
Vref
Reference Voltage
1.6
V
Driving current ability
5
mA
OVP Threshold
OVP Threshold
0.96
V
uA
Droop Voltage Current Source
100
30
V(IOUT)=0.6V,feedback
resistor=10kohm,Rdroop=60
kohm
ns
Deadband Time
Tdead(H to
L)
SW going Low to Ldrv going
High, 10% to 10%


Similar Part No. - NX2415CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2422 MICROSEMI-NX2422 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2422CMTR MICROSEMI-NX2422CMTR Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2423 MICROSEMI-NX2423 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2423CMTR MICROSEMI-NX2423CMTR Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
logo
Pericom Semiconductor C...
NX24SA PERICOM-NX24SA Datasheet
925Kb / 2P
   2.5V/3.3V HCSL FS XO
More results

Similar Description - NX2415CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2423 MICROSEMI-NX2423 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2422 MICROSEMI-NX2422 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
logo
Renesas Technology Corp
ISL6310 RENESAS-ISL6310 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6310 INTERSIL-ISL6310_06 Datasheet
639Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8102 INTERSIL-ISL8102 Datasheet
711Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com