Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2309 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # NX2309
Description  SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2309 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button NX2309 Datasheet HTML 6Page - Microsemi Corporation NX2309 Datasheet HTML 7Page - Microsemi Corporation NX2309 Datasheet HTML 8Page - Microsemi Corporation NX2309 Datasheet HTML 9Page - Microsemi Corporation NX2309 Datasheet HTML 10Page - Microsemi Corporation NX2309 Datasheet HTML 11Page - Microsemi Corporation NX2309 Datasheet HTML 12Page - Microsemi Corporation NX2309 Datasheet HTML 13Page - Microsemi Corporation NX2309 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NX2309
10
Rev. 2.0
12/19/05
Case 2:
F
LC<FESR<FO(for electrolytic capacitors)
Figure 5 - Bode plot of Type III compensator
(F
LC<FESR<FO)
40dB/decade
20dB/decade
loop gain
LC
F
ESR
F
compensator
power stage
FZ1 Z2
F
O
F
FP2
P1
F
=
×π××
=
×π××
=Ω
3
P13
1
R
2
FC
1
2
40.6kHz 2.5nF
1.45k
Choose R
3 =1.43kΩ.
If electrolytic capacitors are used as output
capacitors, typical design example of type III
compensator in which the crossover frequency is
selected as F
LC<FESR<FO and FO<=1/10~1/5Fs is shown
as the following steps. Here two SANYO MV-WG1000
with 30 m
Ω is chosen as output capacitor, output inductor
is 2.2uH. See figure 18.
1. Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
=
×π ××
=
×π ××
=
LC
OUT
OUT
1
F
2
LC
1
2
2.2uH 2000uF
1.8kHz
=
×π ××
=
×π ×
Ω×
=
ESR
OUT
1
F
2
ESRC
1
2
15m
2000uF
5.3kHz
2. Set R
2 equal to 15kΩ.
×
Ω×
=
=Ω
2
REF
1
OUT
REF
RV
15k
0.8V
R =
12k
V
-V
1.8V-0.8V
Choose R
1=12kΩ.
3. Set zero F
Z2 = FLC and Fp1 =FESR .
4. Calculate C
3 .
×
×π×
×
×π ×Ω
3
2
z2
p1
1
11
C =
(-)
2
R
FF
1
11
=
(
-)
2
15k
1.8kHz
5.3kHz
=2.4nF
Choose C
3=2.7nF.
5. Calculate R
3 .
=
×π ××
=
×π ××
=Ω
3
P13
1
R
2
FC
1
2
5.3kHz
2.7F
11.1k
Choose R
3 =11kΩ.
6. Calculate R
4 with FO=30kHz.
×π ×
××
××
+
×π ×
×
Ω ×Ω
××
Ω +Ω
OSC
O
23
4
in
23
V
2
F
L
RR
R=
V
ESR
RR
1.1V
2
30kHz
2.2uH
15k
11k
=
12V
15m
15k
11k
=16k
Choose R
4=16kΩ.
7. Calculate C
2 with zero Fz1 at 75% of the LC
double pole by equation (11).
=
×π ××
=
×π ×
×
×Ω
=
2
Z14
1
C
2
FR
1
2
0.75 1.8kHz 16k
4.2nF
Choose C
2=4.7nF.
8. Calculate C
1 by equation (14) with pole Fp2 at
half the switching frequency.


Similar Part No. - NX2309

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX2301P PHILIPS-NX2301P Datasheet
370Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1-26 October 2010
logo
ZP Semiconductor
NX2301P ZPSEMI-NX2301P Datasheet
318Kb / 3P
   20 V, 2 A P-channel Trench MOSFET
logo
Nexperia B.V. All right...
NX2301P NEXPERIA-NX2301P Datasheet
916Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1 - 26 October 2010
logo
VBsemi Electronics Co.,...
NX2301P VBSEMI-NX2301P Datasheet
476Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Microsemi Corporation
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
More results

Similar Description - NX2309

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2710 MICROSEMI-NX2710 Datasheet
747Kb / 23P
   SINGLE CHANNEL PWM CONTROLLER WITH NMOS LDO CONTROLLER AND 5V BIAS REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com