Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2309 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # NX2309
Description  SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2309 Datasheet(HTML) 4 Page - Microsemi Corporation

  NX2309 Datasheet HTML 1Page - Microsemi Corporation NX2309 Datasheet HTML 2Page - Microsemi Corporation NX2309 Datasheet HTML 3Page - Microsemi Corporation NX2309 Datasheet HTML 4Page - Microsemi Corporation NX2309 Datasheet HTML 5Page - Microsemi Corporation NX2309 Datasheet HTML 6Page - Microsemi Corporation NX2309 Datasheet HTML 7Page - Microsemi Corporation NX2309 Datasheet HTML 8Page - Microsemi Corporation NX2309 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NX2309
4
Rev. 2.0
12/19/05
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
Power supply voltage. A high freq 1uF ceramic capacitor is placed as close as
possible to and connected to this pin and ground pin. The maximum rating of this
pin is 16V.
This pin supplies voltage to high side FET driver. A high freq 0.1uF ceramic
capacitor is placed as close as possible to and connected to this pin and SW
pin.
Power ground.
This pin is the error amplifiers inverting input. This pin is connected via resistor
divider to the output of the switching regulator to set the output DC voltage.
This pin is the output of the error amplifier and together with FB pin is used to
compensate the voltage control feedback loop. This pin is also used as a shut down
pin. When this pin is pulled below 0.2V, both drivers are turned off and internal soft
start is reset.
This pin is connected to source of high side FETs and provide return path for the
high side driver. It is also used to hold the low side driver low until this pin is
brought low by the action of high side turning off. LDRV can only go high if SW is
below 1V threshold .
High side gate driver output.
Low side gate driver output.
LDO controller feedback input. This pin is connected via resistor divider to the out-
put of the switching regulator to set the output DC voltage.If the LDOFB pin is pulled
below 0.4V, an internal comparator after a delay pulls down LDOOUT pin and ini-
tiates the HICCUP circuitry. During the startup this latch is not activated, allowing
the LDOFB pin to come up and follow the soft started Vref voltage.
LDO controller output. This pin is controlling the gate of an external NCH MOSFET.
The maximum rating of this pin is 16V.
5
1
3
8
9
10
2
4
6
7
VCC
BST
GND
FB
COMP
SW
HDRV
LDRV
LDO_FB
LDO_OUT
NOTE1: In actual circuit application, the ENSW pin is used to program converter start up and hysteresis threshold
voltage.
NOTE2: This parameter is guaranteed by design but not tested in production(GBNT).


Similar Part No. - NX2309

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX2301P PHILIPS-NX2301P Datasheet
370Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1-26 October 2010
logo
ZP Semiconductor
NX2301P ZPSEMI-NX2301P Datasheet
318Kb / 3P
   20 V, 2 A P-channel Trench MOSFET
logo
Nexperia B.V. All right...
NX2301P NEXPERIA-NX2301P Datasheet
916Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1 - 26 October 2010
logo
VBsemi Electronics Co.,...
NX2301P VBSEMI-NX2301P Datasheet
476Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Microsemi Corporation
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
More results

Similar Description - NX2309

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2710 MICROSEMI-NX2710 Datasheet
747Kb / 23P
   SINGLE CHANNEL PWM CONTROLLER WITH NMOS LDO CONTROLLER AND 5V BIAS REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com