Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2305CSTR Datasheet(PDF) 6 Page - Microsemi Corporation

Part # NX2305CSTR
Description  SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2305CSTR Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button NX2305CSTR Datasheet HTML 2Page - Microsemi Corporation NX2305CSTR Datasheet HTML 3Page - Microsemi Corporation NX2305CSTR Datasheet HTML 4Page - Microsemi Corporation NX2305CSTR Datasheet HTML 5Page - Microsemi Corporation NX2305CSTR Datasheet HTML 6Page - Microsemi Corporation NX2305CSTR Datasheet HTML 7Page - Microsemi Corporation NX2305CSTR Datasheet HTML 8Page - Microsemi Corporation NX2305CSTR Datasheet HTML 9Page - Microsemi Corporation NX2305CSTR Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NX2305
6
Rev.5.0
08/19/08
An open drain output that requires a pull up resistor to Vcc or a voltage lower than Vcc. When
FB pin reaches 90% of the reference voltage PGOOD transitions from LO to HI state.
Power ground pin for low side driver. In SOIC16 package, PGND and AGND are combined
together called GND.
Analog ground. In MLPD16 package, pad is AGND.
PIN SYMBOL
PIN DESCRIPTION
PGOOD
PGND
AGND
A((


Similar Part No. - NX2305CSTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX2301P PHILIPS-NX2301P Datasheet
370Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1-26 October 2010
logo
ZP Semiconductor
NX2301P ZPSEMI-NX2301P Datasheet
318Kb / 3P
   20 V, 2 A P-channel Trench MOSFET
logo
Nexperia B.V. All right...
NX2301P NEXPERIA-NX2301P Datasheet
916Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1 - 26 October 2010
logo
VBsemi Electronics Co.,...
NX2301P VBSEMI-NX2301P Datasheet
476Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - NX2305CSTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com