Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU76310AGU Datasheet(PDF) 1 Page - Rohm

Part # BU76310AGU
Description  Silicon Monolithic integrated circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU76310AGU Datasheet(HTML) 1 Page - Rohm

  BU76310AGU Datasheet HTML 1Page - Rohm BU76310AGU Datasheet HTML 2Page - Rohm BU76310AGU Datasheet HTML 3Page - Rohm BU76310AGU Datasheet HTML 4Page - Rohm BU76310AGU Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. A
◇Structure
Silicon Monolithic integrated circuit
◇Product name
Audio interface LSI
◇Type
BU76310AGU
◇Applications
DVC, DSC, etc
◇Functions
<Audio part>
・Stereo 16 bit ΔΣCODEC
・2-input stereo selector
・Stereo microphone amplifier with ALC function
・Stereo line amplifier
・BTL output speaker amplifier (400mW@8Ω, THD+N=10%, VDD=3.3V)
・64-step electronic volume with ALC function
・PLL built-in(Reference clock:12MHz、24MHz、27MHz、16fs、32fs、64fs)
<PLL mode>
8kHz, 11.025 kHz, 12 kHz, 16 kHz
22.05 kHz, 24kHz, 32kHz, 44.1kHz, 48 kHz
<non-PLL mode>
8kHz ~ 48kHz
・Master clock output
Three-line serial interface (power on reset function)
Audio IF format MSB First,2’s compliment
<ADC> 16bit word lengths Left justified, I2S DSP
<DAC> 16bit word lengths Left, Right justified, I2S DSP
◇Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Comment
Supply voltage
VDD
-0.3~4.5
AVDD、DVDD、SPVDD
Input voltage
VIN
-0.3~supply voltage +0.3
keep each limits upon
Storage temperature range
TSTG
-50~125
Operating temperature range
TOPE
-20~85
Power dissipation *1
PD
920*1
mW
*1:In the case of use at Ta=25℃ or more, 9.2mW should be reduced per 1℃.
Radiation resistance design is not arranged.
◇Operating conditions (Ta=25℃)
Parameter
Symbol
Limits
Unit
Comment
Supply voltage
VDD
2.7~3.6
AVDD、DVDD、SPVDD
(note) AVDD、DVDD、SPVDD、are not needed to be same voltage.
(note) Please do not set SPVDD lower than AVDD-0.3V.
(note) Please do not surpass package permissible loss, when SPVDD is set.


Similar Part No. - BU76310AGU

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7636MWV ROHM-BU7636MWV Datasheet
385Kb / 5P
   Silicon monolithic integrated circuits
BU7636MWV ROHM-BU7636MWV Datasheet
186Kb / 5P
   Silicon Monolithic integrated circuit
BU7636MWV ROHM-BU7636MWV_11 Datasheet
186Kb / 5P
   Silicon Monolithic integrated circuit
More results

Similar Description - BU76310AGU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com