Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2114A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # NX2114A
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2114A Datasheet(HTML) 1 Page - Microsemi Corporation

  NX2114A Datasheet HTML 1Page - Microsemi Corporation NX2114A Datasheet HTML 2Page - Microsemi Corporation NX2114A Datasheet HTML 3Page - Microsemi Corporation NX2114A Datasheet HTML 4Page - Microsemi Corporation NX2114A Datasheet HTML 5Page - Microsemi Corporation NX2114A Datasheet HTML 6Page - Microsemi Corporation NX2114A Datasheet HTML 7Page - Microsemi Corporation NX2114A Datasheet HTML 8Page - Microsemi Corporation NX2114A Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
NX2114/2114A
1
Rev. 4.0
06/20/06
TYPICAL APPLICATION
DESCRIPTION
n Synchronous Controller in 8 Pin Package
n Bus voltage operation from 2V to 25V
n Single 5V Supply Operation
n Short protection with feedback UVLO
n Internal 300kHz for 2114 and 600kHz for 2114A
n Internal Digital Soft Start Function
n Shut Down via pulling comp pin low
n Pb-free and RoHS compliant
ORDERING INFORMATION
FEATURES
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
APPLICATIONS
n Graphic Card on board converters
n Memory Vddq Supply in mother board applications
n On board DC to DC such as
5V to 3.3V, 2.5V or 1.8V
n Hard Disk Drive
n Set Top Box
PRELIMINARY DATA SHEET
Evaluation board available.
Device
Temperature
Package
Frequency
Pb-Free
NX2114CSTR
0 to 70oC
SOIC-8L
300kHz
Yes
NX2114ACSTR
0 to 70o C
SOIC-8L
600kHz
Yes
Figure1 - Typical application of 2114
Vcc
47pF
C1
10.2k
R1
R4
22.1k
1.5k
10.2k
R2
2.2nF
C3
0.1uF
C7
Co
1.5nF
C2
L1 1.5uH
M2
M1
D1 MBR0530T1
+5V
Vin
Cin
1uF
C5
1uF
C6
BST
Fb
Comp
SW
Hdrv
Ldrv
Gnd
5
1
2
8
4
7
6
R3
3
2 x (220uF,15mohm)
220uF,12mohm
Vout
+1.6V,6A
L2 1uH
47uF,70mohm
C4
C8
R5
10
47uF,70mohm
OFF
ON
2N3904
10k
R6
R7
10k
The NX2114 controller IC is a synchronous Buck con-
troller IC designed for step down DC to DC converter
applications. Synchronous control operation replaces
the traditional catch diode with an Nch MOSFET result-
ing in improved converter efficiency. Although the NX2114
controller is optimized to convert single 5V bus voltages
to supplies as low as 0.8V output voltage, however us-
ing a few external components it can also be used for
other input supplies such as 12V input (See NX2113
data sheet for more optimized solution). The NX2114
operates at 300kHz while 2114A is set at 600kHz
operation which together with less than 50 nS of dead
band provides an efficient and cost effective solution.
Other features of the device are:
Internal digital soft start; Vcc undervoltage lock out; Out-
put undervoltage protection with digital filter and shut-
down capability via the enable pin.
Pb Free Product


Similar Part No. - NX2114A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113A MICROSEMI-NX2113A Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACMTR MICROSEMI-NX2113ACMTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACUTR MICROSEMI-NX2113ACUTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113CMTR MICROSEMI-NX2113CMTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
More results

Similar Description - NX2114A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
   Wide Input, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
   High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com