Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2114A Datasheet(PDF) 5 Page - Microsemi Corporation

Part # NX2114A
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2114A Datasheet(HTML) 5 Page - Microsemi Corporation

  NX2114A Datasheet HTML 1Page - Microsemi Corporation NX2114A Datasheet HTML 2Page - Microsemi Corporation NX2114A Datasheet HTML 3Page - Microsemi Corporation NX2114A Datasheet HTML 4Page - Microsemi Corporation NX2114A Datasheet HTML 5Page - Microsemi Corporation NX2114A Datasheet HTML 6Page - Microsemi Corporation NX2114A Datasheet HTML 7Page - Microsemi Corporation NX2114A Datasheet HTML 8Page - Microsemi Corporation NX2114A Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NX2114/2114A
5
Rev. 4.0
06/20/06
BLOCK DIAGRAM
Figure 1 - Simplified block diagram of the NX2114
LATCH
DIGITAL SS
TIMER
VREF
0.3V
BST
Hdrv
Ldrv
GND
SW
VCC
R
S
Q
Q
0.4V
COMP
FB
UVLO
DRIVER
OSC
1
2
8
4
3
7
6
5


Similar Part No. - NX2114A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113A MICROSEMI-NX2113A Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACMTR MICROSEMI-NX2113ACMTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACUTR MICROSEMI-NX2113ACUTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113CMTR MICROSEMI-NX2113CMTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
More results

Similar Description - NX2114A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
   Wide Input, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
   High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com