Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2113A Datasheet(PDF) 10 Page - Microsemi Corporation

Part # NX2113A
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113A Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button NX2113A Datasheet HTML 6Page - Microsemi Corporation NX2113A Datasheet HTML 7Page - Microsemi Corporation NX2113A Datasheet HTML 8Page - Microsemi Corporation NX2113A Datasheet HTML 9Page - Microsemi Corporation NX2113A Datasheet HTML 10Page - Microsemi Corporation NX2113A Datasheet HTML 11Page - Microsemi Corporation NX2113A Datasheet HTML 12Page - Microsemi Corporation NX2113A Datasheet HTML 13Page - Microsemi Corporation NX2113A Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NX2113/2113A
10
Rev. 2.0
11/18/05
pacitors, both terms in equation (3) need to be evaluated
to determine the overall ripple. Usually when this type of
capacitors are selected, the amount of capacitance per
single unit is not sufficient to meet the transient specifi-
cation, which results in parallel configuration of multiple
capacitors .
For example, one 100uF, X5R ceramic capacitor
with 2m
Ω ESR is used. The amount of output ripple is
=
Ω ×+
××
=
+=
RIPPLE
3A
V
2m
3A
8 600kHz 100uF
6mV
6.2mV
12.2mV
Although this meets DC ripple spec, however it
needs to be studied for transient requirement.
Based On Transient Requirement
Typically, the output voltage droop during transient
is specified as:
DROOP
TRAN
V
<V
∆∆
@ step load
DI
STEP
During the transient, the voltage droop during the
transient is composed of two sections. One Section is
dependent on the ESR of capacitor, the other section is
a function of the inductor, output capacitance as well as
input, output voltage. For example, for the overshoot,
when load from high load to light load with a
DI
STEP
transient load, if assuming the bandwidth of system is
high enough, the overshoot can be estimated as the fol-
lowing equation.
2
OUT
overshoot
step
OUT
V
V
ESRI
2LC
=
× ∆
+
×τ
××
...(6)
where
τ is the a function of capacitor, etc.
crit
step
OUT
crit
OUT
0
ifLL
LI
ESR C
ifLL
V
 ×∆
τ= 
×≥
...(7)
where
OUT
OUT
EE
OUT
crit
step
step
ESR C
V
ESRCV
L
II
×
×
××
==
∆∆
...(8)
where ESR
E and CE represents ESR and capaci-
tance of each capacitor if multiple capacitors are used
in parallel.
The above equation shows that if the selected out-
put inductor is smaller than the critical inductance, the
voltage droop or overshoot is only dependent on the ESR
of output capacitor. For low frequency capacitor such
as electrolytic capacitor, the product of ESR and ca-
pacitance is high and
crit
LL
is true. In that case, the
transient spec is dependent on the ESR of capacitor.
In most cases, the output capacitors are multiple
capacitors in parallel. The number of capacitors can be
calculated by the following
E
step
2
OUT
tran
E
tran
ESRI
V
N
V
2L CV
×∆
=
+
×τ
× ×
×∆
...(9)
where
crit
step
E
E
crit
OUT
0
ifLL
LI
ESR
C
ifLL
V
 ×∆
τ= 
×≥
...(10)
For example, assume voltage droop during tran-
sient is 100mV for 10A load step.
If the POSCAP 2R5TPE220MC(220uF, 12m
Ω ) is
used, the critical inductance is given as:
EE
OUT
crit
step
ESRCV
L
I
12m
220 F 1.6V
0.42H
10A
××
==
Ω×
µ×
The selected inductor is 0.78uH which is bigger
than critical inductance. In that case, the output voltage
transient not only dependent on the ESR, but also ca-
pacitance.
number of capacitors is
step
EE
OUT
LI
ESRC
V
0.78 H 10A
12m
220 F
2.24us
1.6V
×∆
τ =
−×
µ×
=
Ω×
µ=
E
step
2
OUT
tran
E
tran
2
ESRI
V
N
V
2L CV
12m
10A
80mV
1.6V
(2.24us)
2 1.5 H 220 F 80mV
1.7
×∆
=
+
×τ
× ×
×∆
Ω×
=+
×
× µ ×
µ×
The number of capacitors has to satisfy both ripple
and transient requirement. Overall, we can choose N=3.


Similar Part No. - NX2113A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2114A MICROSEMI-NX2114A Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2114ACSTR MICROSEMI-NX2114ACSTR Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2114CSTR MICROSEMI-NX2114CSTR Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
More results

Similar Description - NX2113A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
   Wide Input, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
   High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com