Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM2626 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM2626
Description  Low Power Dual 8-bit Serial Input DAC with Internal Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2626 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM2626 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 11Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Production Data
WM2626
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 April 2001
7
DEVICE DESCRIPTION
GENERAL FUNCTION
The WM2626 is a dual 8-bit, voltage output DAC with an on-chip voltage reference. It uses a
resistor string network buffered with an op amp to convert 8-bit digital data to analogue voltage
levels (see Block Diagram). The output voltage is determined by the reference voltage and the
input code according to the following relationship:
()
256
2
CODE
V
out
V
REFIN
=
INPUT
OUTPUT
1111
1111
()
256
255
2
REF
V
::
1000
0001
()
256
129
2
REF
V
1000
0000
()
REF
REF
V
V
=
256
128
2
0111
1111
()
256
127
2
REF
V
::
0000
0001
()
256
1
2
REF
V
0000
0000
0V
Table 1 Binary Code Table (0V to 2VREF Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC register to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive a
2k
Ω load with a 100pF load capacitance.
SERIAL INTERFACE
Before writing any data to the WM2626, the interface must be enabled by setting NCS to low.
Incoming data on DIN (starting with the MSB) is then shifted bit-per-bit into the internal register on
the falling edges of SCLK. From there data is loaded into the target latch after 16 bits have been
transferred, or when NCS rises. Four internal latches can be addressed: DAC A, DAC B, the buffer
latch or the control register. Their function is explained below (see ‘Register Addressing’).
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the device timing. The maximum serial rate is:
MHz
t
t
f
WL
WH
SCLK
20
1
min
min
max
=
+
=
Since a data word contains 16 bits, the sample rate for one channel is limited to
()
MHz
t
t
f
WL
WH
s
25
.
1
16
1
min
min
max
=
+
×
=
For full two-channel operation, where two data words need to be transmitted per sample, this figure
is halved to 625kHz. However, the DAC settling time to 8-bit accuracy limits the response time of
the analogue output for large input step transitions.


Similar Part No. - WM2626

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
   Low Power 8-bit Serial Input DAC
WM2623CD WOLFSON-WM2623CD Datasheet
86Kb / 10P
   Low Power 8-bit Serial Input DAC
WM2623ID WOLFSON-WM2623ID Datasheet
86Kb / 10P
   Low Power 8-bit Serial Input DAC
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
   Low Power Dual 8-bit Serial Input DAC
WM2625CD WOLFSON-WM2625CD Datasheet
101Kb / 9P
   Low Power Dual 8-bit Serial Input DAC
More results

Similar Description - WM2626

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
   Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
   Low Power Dual 8-bit Serial Input DAC
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
   12-bit Serial Input Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
   Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
   Low Power 8-bit Serial Input DAC
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
   Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Maxim Integrated Produc...
MAX1112 MAXIM-MAX1112 Datasheet
381Kb / 20P
   5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs Internal 4.096V Reference
Rev 2; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com