Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9883FV-W Datasheet(PDF) 3 Page - Rohm

Part # BU9883FV-W
Description  I2C BUS 3Ports for HDMI Port Serial EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9883FV-W Datasheet(HTML) 3 Page - Rohm

  BU9883FV-W Datasheet HTML 1Page - Rohm BU9883FV-W Datasheet HTML 2Page - Rohm BU9883FV-W Datasheet HTML 3Page - Rohm BU9883FV-W Datasheet HTML 4Page - Rohm BU9883FV-W Datasheet HTML 5Page - Rohm BU9883FV-W Datasheet HTML 6Page - Rohm BU9883FV-W Datasheet HTML 7Page - Rohm BU9883FV-W Datasheet HTML 8Page - Rohm BU9883FV-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/18
EEPROM AC operating characteristics (Ta=-40~85℃, Vcc0~3 = 3.0~5.5V)
Parameter
Symbol
3.0≦Vcc0~3≦5.5V
Unit
Min.
Typ.
Max.
Min.
Clock Frequency
fSCL
400
kHz
Data Clock High Period
tHIGH
0.6
μs
Data Clock Low Period
tLOW
1.2
μs
SDA0~3 and SCL0~3 Rise Time
*1
tR
0.3
μs
SDA0~3 and SCL0~3 Fall Time
*1
tF
0.3
μs
Start Condition Hold Time
tHD:STA
0.6
μs
Start Condition Setup Time
tSU:STA
0.6
μs
Input Data Hold Time
tHD:DAT
0
ns
Input Data Setup Time
tSU:DAT
100
ns
Output Data Delay Time
tPD
0.1
0.9
μs
Output Data Hold Time
tDH
0.1
μs
Stop Condition Setup Time
tSU:STO
0.6
μs
Bus Free Time
tBUF
1.2
μs
Write Cycle Time
tWR
5
ms
Noise Spike Width (SDA
0~3 and SCL0~3)
tI
0.1
μs
WP Hold Time
tHD:WP
0
ns
WP Setup Time
tSU:WP
0.1
μs
WP valid time
tHIGH:WP
1.0
μs
Synchronous data input/output timing
○SDA data is latched into the chip at the rising edge of the SCL clock. (This is commoness in all port.)
○Output date toggles at the falling edge of the SCL clock. (This is commoness in all port.)
Characteristic data (The following values are Typ. ones).
SDA
(IN)
SCL
SDA
(OUT)
tHD:STA
tHD:DAT
tSU:DAT
tBUF
tPD
tDH
tLOW
tHIGH
tR
tF
Fig.-1 SYNCHRONOUS DATA TIMING
SDA
SCL
tSU:STA
tSU:STO
tHD:STA
START BIT
STOP BIT
*1 : Not 100% TESETED
0
1
2
3
4
5
6
01
23
4
5
6
SUPPLY VOLTAGE : Vcc3[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
0
1
2
3
4
5
6
01
234
56
SUPPLY VOLTAGE : Vcc0[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
0
1
2
3
4
5
6
012
345
6
SUPPLY VOLTAGE : Vcc0[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.6 'L' Input Voltage0 VIL0
(SCL0,SDA0)
0
1
2
3
4
5
6
01
2
3
4
5
6
SUPPLY VOLTAGE : Vcc0[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
0
1
2
3
4
5
6
01
2
3
4
5
6
SUPPLY VOLTAGE : Vcc2[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
0
1
2
3
4
5
6
012
3
456
SUPPLY VOLTAGE : Vcc1[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.2 'H' Input Voltage0 VIH0
(SCL0,SDA0)
Fig.3 'H' Input Voltage1 VIH1
(SCL1,SDA1)
Fig.4 'H' Input Voltage2 VIH2
(SCL2,SDA2)
Fig.5 'H' Input Voltage3 VIH3
(SCL3,SDA3)
Fig.7 'L' Input Voltage1 VIL 1
(SCL1,SDA1)


Similar Part No. - BU9883FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9883FV-W ROHM-BU9883FV-W Datasheet
492Kb / 19P
   I2C BUS3Ports for HDMI Port Serial EEPROM
BU9883FV-WE2 ROHM-BU9883FV-WE2 Datasheet
492Kb / 19P
   I2C BUS3Ports for HDMI Port Serial EEPROM
BU9883FV-W ROHM-BU9883FV-W_1 Datasheet
492Kb / 19P
   I2C BUS3Ports for HDMI Port Serial EEPROM
More results

Similar Description - BU9883FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9883FV-W ROHM-BU9883FV-W_1 Datasheet
492Kb / 19P
   I2C BUS3Ports for HDMI Port Serial EEPROM
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
Microchip Technology
24LC00T-IOTG MICROCHIP-24LC00T-IOTG Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
logo
STMicroelectronics
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
logo
Microchip Technology
24AA00 MICROCHIP-24AA00 Datasheet
156Kb / 18P
   128 Bit I2C Bus Serial EEPROM
2003
24AA00 MICROCHIP-24AA00_07 Datasheet
378Kb / 24P
   128 Bit I2C Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_V01 Datasheet
685Kb / 34P
   128-Bit I2C Bus Serial EEPROM
Revision J 08/2018
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
logo
Microchip Technology
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
   128-Bit I2C??Bus Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com