Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9795AFV Datasheet(PDF) 8 Page - Rohm

Part # BU9795AFV
Description  Standard function Segment Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9795AFV Datasheet(HTML) 8 Page - Rohm

Back Button BU9795AFV Datasheet HTML 4Page - Rohm BU9795AFV Datasheet HTML 5Page - Rohm BU9795AFV Datasheet HTML 6Page - Rohm BU9795AFV Datasheet HTML 7Page - Rohm BU9795AFV Datasheet HTML 8Page - Rohm BU9795AFV Datasheet HTML 9Page - Rohm BU9795AFV Datasheet HTML 10Page - Rohm BU9795AFV Datasheet HTML 11Page - Rohm BU9795AFV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical Note
8/15
BU9795AKV, BU9795AFV, BU9795AGUW
www.rohm.com
2009.07 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
○ Display control (DISCTL)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
C
0
1
P4
P3
P2
P1
P0
Set Frame frequency
Setting
P4
P3
Reset initialize condition
80Hz
0
0
71Hz
0
1
64Hz
1
0
53Hz
1
1
Set LCD drive waveform
Setting
P2
Reset initialize condition
Line inversion
0
Frame inversion
1
Set Power save mode
Setting
P1
P0
Reset initialize condition
Power save mode 1
0
0
Power save mode 2
0
1
Normal mode
1
0
High power mode
1
1
VDD-VLCD>=3.0V is required for High power mode.
○ Set IC Operation (ICSET)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
C
1
1
0
1
P2
P1
P0
P2: MSB data of DDRAM address. Please refer to “ADSET” command.
Setting
P2
Reset initialize condition
Address MSB‘0’
0
Address MSB‘1’
1
Set Software Reset condition
Setting
P1
No operation
0
Software Reset
1
Switch between internal clock and external clock.
Setting
P0
Reset initialize condition
Internal clock
0
External clock input
1


Similar Part No. - BU9795AFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9795AFV ROHM-BU9795AFV Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9795AFV ROHM-BU9795AFV Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
BU9795AFV ROHM-BU9795AFV Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
BU9795AFV-E2 ROHM-BU9795AFV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9795AFV-E2 ROHM-BU9795AFV-E2 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
More results

Similar Description - BU9795AFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97540KV-M ROHM-BU97540KV-M Datasheet
3Mb / 70P
   Multi-function Segment Drivers
BU9795AKV ROHM-BU9795AKV_11 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
BU91530KVT-M ROHM-BU91530KVT-M Datasheet
3Mb / 60P
   Multi-function LCD Segment Drivers
BU97510CKV-M ROHM-BU97510CKV-M_16 Datasheet
1Mb / 32P
   Multi- function LCD Segment Drivers
BU97981XXX ROHM-BU97981XXX Datasheet
3Mb / 49P
   Multi-function LCD Segment Drivers
04.Feb.2019 Rev.007
BU97550KV-M ROHM-BU97550KV-M_15 Datasheet
4Mb / 73P
   Multi-function LCD Segment Drivers
BU91501KV-M ROHM-BU91501KV-M Datasheet
2Mb / 34P
   Multi- function LCD Segment Drivers
BU91510KV-M ROHM-BU91510KV-M Datasheet
1Mb / 32P
   Multi- function LCD Segment Drivers
BU97981KV-E2 ROHM-BU97981KV-E2 Datasheet
2Mb / 50P
   Multi-function LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com