Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM2613IDT Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM2613IDT
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2613IDT Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM2613IDT Datasheet HTML 3Page - Wolfson Microelectronics plc WM2613IDT Datasheet HTML 4Page - Wolfson Microelectronics plc WM2613IDT Datasheet HTML 5Page - Wolfson Microelectronics plc WM2613IDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2613IDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2613IDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2613IDT Datasheet HTML 9Page - Wolfson Microelectronics plc WM2613IDT Datasheet HTML 10Page - Wolfson Microelectronics plc WM2613IDT Datasheet HTML 11Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
WM2613
Production Data Rev 1.0
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
10
SOFTWARE CONFIGURATION OPTIONS
DATA FORMAT
The WM2613 writes data either to one of the DAC holding latches or to the control register depending on
the address bits A1 and A0.
A1
A0
REGISTER
0
0
DAC LSW holding
0
1
DAC MSW holding
1
0
Reserved
1
1
Control
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
RLDAC
PWR
SPD
Table 2 Register Map
PROGRAMMABLE SETTLING TIME
Settling time is a software selectable 3.5
µs or 1µs, typical to within ±0.5LSB of final value. This is
controlled by the value of SPD – Bit D12. A ONE defines a settling time of 1
µs, a ZERO defines a settling
time of 3.5
µs.
PIN
BIT
SPD
SPD
MODE
0
0
Slow
0
1
Fast
1
0
Fast
1
1
Fast
Table 3 Programmable Settling Time
PROGRAMMABLE POWER DOWN
The power down function can be controlled by PWR. A ZERO configures the device as active, or fully
powered up, a ONE configures the device into power down mode. When the power down function is
released the device reverts to the DAC code set prior to power down.
PIN
BIT
NPD
PWR
POWER
0
0
Down
0
1
Down
1
0
Normal
1
1
Down
Table 4 Programmable Power Down
LOAD DAC LATCH
Bit RLDAC controls the function of the DAC latch. A ONE configures the DAC latch as transparent. A
ZERO configures the DAC latch to be controlled by pin NLDAC.
PIN
BIT
NLDAC
RLDAC
LATCH
0
0
Transparent
0
1
Transparent
1
0
Hold
1
1
Transparent
Table 5 Load DAC Latch


Similar Part No. - WM2613IDT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610CDT WOLFSON-WM2610CDT Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610IDT WOLFSON-WM2610IDT Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
WM2614CDT WOLFSON-WM2614CDT Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
More results

Similar Description - WM2613IDT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2633 WOLFSON-WM2633 Datasheet
389Kb / 12P
   Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
logo
Analog Devices
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
logo
Wolfson Microelectronic...
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841 Datasheet
167Kb / 12P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com