Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7839GVW Datasheet(PDF) 8 Page - Rohm

Part # BU7839GVW
Description  Digital Input Hi-Fi Class-D Headphone Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7839GVW Datasheet(HTML) 8 Page - Rohm

Back Button BU7839GVW Datasheet HTML 4Page - Rohm BU7839GVW Datasheet HTML 5Page - Rohm BU7839GVW Datasheet HTML 6Page - Rohm BU7839GVW Datasheet HTML 7Page - Rohm BU7839GVW Datasheet HTML 8Page - Rohm BU7839GVW Datasheet HTML 9Page - Rohm BU7839GVW Datasheet HTML 10Page - Rohm BU7839GVW Datasheet HTML 11Page - Rohm BU7839GVW Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8 / 15
DC characteristic
Ta=25degree,DVDD=DVDDIO=1.5V, VDD_R=VDD_L=PLLVDD=2.8V
Item
Symbol
Standardized values
Unit
Note
MIN
TYP
MAX
Input ’H’ Level
VIH
0.7x
DVDDIO
-
-
V
Input ’L’ Level
VIL
-
-
0.3x
DVDDIO
V
Output ’H’ Level
VOH
0.8x
DVDDIO
-
-
V
Io=-1mA
Output ’L’ Level 1
VOL1
-
-
0.2x
DVDDIO
V
Io=1mA
Output ’L’ Level 2
(SDA terminal)
VOL2
-
-
0.2x
DVDDIO
V
Io=3mA
Table 10 DC characteristic
2wire CPU I/F Part
Device address is "0110011"(33h) or "0110110"(36h), i.e. 33h when ADR terminal is L or 36h when ADR terminal
is H.
Please don’t switch the ADR terminal while 2wire CPU I/F is operating.
The transmission rate is compatible with a maximum of 400kbps
ADR
2wire CPU I/F device address
W/R
A7
A6
A5
A4
A3
A2
A1
0
0
1
1
0
0
1
1
0/1
1
0
1
1
0
1
1
0
0/1
Bit transmission
The data of 1bit is transmitted while SCL is H. In case of bit transmission, the signal transition of SDA can not be
implemented while SCL is H.
If SDA changes while SCL is H, START condition or STOP condition is generated, it is interpreted as control signal.
START condition/STOP condition
Data transmission on bus is not implemented while SDA and SCL are H. At this time, if SCL remains to be H and
SDA is transited from H to L, then the START condition (S) is attained and so the access is started, and if SCL
remains to be H and SDA is transited from L to H, then the STOP condition (P) is attained and so the access is
terminated, which is shown below.
This device accepts the continuous START condition and the continuous STOP condition.
SDA
SCL
SDA 安定状態:
データ有効
SDA 変化
可能
SDA
SCL
S
P
START 条件
STOP 条件
SDA stable state:
Data is effective
SDA
change is
Possible
START condition
STOP condition


Similar Part No. - BU7839GVW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7839GVW ROHM-BU7839GVW Datasheet
392Kb / 16P
   Digital Input Class-D Headphone Amplifier
BU7839GVW-E2 ROHM-BU7839GVW-E2 Datasheet
392Kb / 16P
   Digital Input Class-D Headphone Amplifier
BU7839GVW ROHM-BU7839GVW_10 Datasheet
392Kb / 16P
   Digital Input Class-D Headphone Amplifier
More results

Similar Description - BU7839GVW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7839GVW ROHM-BU7839GVW_10 Datasheet
392Kb / 16P
   Digital Input Class-D Headphone Amplifier
logo
New Japan Radio
NJU8721 NJRC-NJU8721 Datasheet
172Kb / 13P
   CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Sanyo Semicon Device
LV4904V SANYO-LV4904V Datasheet
455Kb / 25P
   Digital Input Class-D Power Amplifier
logo
ON Semiconductor
LV4904V ONSEMI-LV4904V Datasheet
333Kb / 25P
   Digital Input Class-D Power Amplifier
May, 2013
logo
Maxim Integrated Produc...
MAX98371 MAXIM-MAX98371 Datasheet
2Mb / 80P
   Digital Input Class D Speaker Amplifier
Rev 0; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com