Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7421G Datasheet(PDF) 3 Page - Rohm

Part # BU7421G
Description  SILICON MONOLITHIC INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7421G Datasheet(HTML) 3 Page - Rohm

  BU7421G Datasheet HTML 1Page - Rohm BU7421G Datasheet HTML 2Page - Rohm BU7421G Datasheet HTML 3Page - Rohm BU7421G Datasheet HTML 4Page - Rohm BU7421G Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. D
BU7421G(SSOP5) (Unit:[mm])
BU7421SG(SSOP5) (Unit:[mm])
Physical Dimensions
○Block diagram
○Pin No.・Pin Name
○Application example
(1) Absolute maximum ratings
Absolute maximum ratings are the values which indicate the limits,
within which the given voltage range can be safely charged to the terminal.
However, it does not guarantee the circuit operation.
(2) Applied voltage to the input terminal
For normal circuit operation of operational amplifier, please input
voltage for its
input terminal within input common mode voltage VDD+0.3[V].
Then, regardless of power supply voltage,VSS-0.3[V] can be applied to input
terminals without deterioration or destruction of its characteristics.
(3) Operating power supply (split power supply/single power supply)
The operational amplifier operates if a given level of voltage is applied between VDD and
VSS. Therefore, the operational amplifier can be operated under single power supply
or split power supply.
(4) Power dissipation (pd)
If the IC is used under excessive power dissipation. An increase in the chip temperature will cause
deterioration of the radical characteristics of IC.
For example, reduction of current capability. Take consideration of the effective power dissipation and
thermal design with a sufficient margin. Pd is reference to the provided power dissipation curve.
(5) Short circuits between pins and incorrect mounting
Short circuits between pins and incorrect mounting when mounting the IC on a printed circuits board,
take notice of the direction and positioning of the IC.
If IC is mounted erroneously, It may be damaged. Also, when a foreign object is inserted between
output, between output and VDD terminal or VSS terminal which causes short circuit, the IC may be damaged.
Pin No.
Pin Name
1
IN+
2
VSS
3
IN-
4
OUT
5
VDD
G:SSOP5
IN+
1
3
2
VSS
IN-
5
4
VDD
OUT


Similar Part No. - BU7421G

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7421G ROHM-BU7421G Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7421G ROHM-BU7421G Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7421G-TR ROHM-BU7421G-TR Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
More results

Similar Description - BU7421G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com