Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA480EDTX Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA480EDTX
Description  HIGH RELIABILITY 20 AMP, 50 ??300 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA480EDTX Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA480EDTX Datasheet HTML 1Page - Solid States Devices, Inc SDA480EDTX Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SDA480AD through SDA480FP*:
FIGURE 1:
*For information on curves, contact the Factory Representative for Engineering Assistance.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA480AD thru SDA480FP
ELECTRICAL CHARACTERISTICS (Per Leg)
Part Number
Max Full Cycle Forward
Voltage Drop, Averaged
Over Full Cycle
Max Instantaneous Forward
Voltage Drop
Max Full Cycle Reverse
Leakage Current, Averaged
Over Full Cycle
Max Reverse Leakage
Current
Max Junction
Capacitance
Symbol
VF (AV)
VF
IR (AV)
IR
CJ
Units
Vdc
Vdc
μAdc
μAdc
pf
Conditions
IO (Max), 60hz Square
Wave,
TC = 55
°C
If = 6 Amps,
TC = 25
°C , 300us Pulse
Rated VR, 60Hz, Square
Wave, TC = 25
°C
Rated VR ,
TC = 100
°C
VR = 10V,
TC = 25
°C
SDA480A(*)
0.5
0.95
5
200
100
SDA480B(*)
0.5
0.95
5
200
100
SDA480C(*)
0.5
0.95
5
200
100
SDA480D(*)
0.5
0.95
5
200
100
SDA480E(*)
0.5
0.95
5
200
100
SDA480F(*)
0.5
0.95
5
200
100
* N, P, or D- Terminal Configurations:
See Figure 1.


Similar Part No. - SDA480EDTX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA48 SSDI-SDA48 Datasheet
170Kb / 2P
   150 AMP 50 VOLTS MATCHED POWER SCHOTTKY DIODE ARRAY
More results

Similar Description - SDA480EDTX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA803A SSDI-SDA803A Datasheet
113Kb / 1P
   HIGH RELIABILITY 20 AMP, 50 - 300 VOLTS
RC0146C SSDI-RC0146C Datasheet
107Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts
SDR643CTS1 SSDI-SDR643CTS1 Datasheet
80Kb / 2P
   50 AMP 300-700 Volts 35 nsec Centertap Rectifier
logo
Micro Commercial Compon...
MBR30020CT MCC-MBR30020CT Datasheet
132Kb / 3P
   300 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Solid States Devices, I...
SDR953 SSDI-SDR953 Datasheet
216Kb / 2P
   50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
   1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-61 SSDI-SDR953-61 Datasheet
215Kb / 2P
   50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR2030UF SSDI-SDR2030UF Datasheet
103Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
logo
Micro Commercial Compon...
MBR5020WT MCC-MBR5020WT Datasheet
755Kb / 2P
   50 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
ON Semiconductor
MMBF2201N ONSEMI-MMBF2201N Datasheet
103Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts
August, 2013 ??Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com