Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7262SF Datasheet(PDF) 1 Page - Rohm

Part # BU7262SF
Description  Low Voltage Operation CMOS Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7262SF Datasheet(HTML) 1 Page - Rohm

  BU7262SF Datasheet HTML 1Page - Rohm BU7262SF Datasheet HTML 2Page - Rohm BU7262SF Datasheet HTML 3Page - Rohm BU7262SF Datasheet HTML 4Page - Rohm BU7262SF Datasheet HTML 5Page - Rohm BU7262SF Datasheet HTML 6Page - Rohm BU7262SF Datasheet HTML 7Page - Rohm BU7262SF Datasheet HTML 8Page - Rohm BU7262SF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1/32
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
High speed
Low power
Single
Single
Dual
Dual
BU7461G
(BU7461SG:Operation guaranteed up to +105 ℃)
BU7462F/FVM
(BU7462SF/FVM:Operation guaranteed up to +105 ℃)
BU7441G
(BU7441SG:Operation guaranteed up to +105 ℃)
BU7442F/FVM
(BU7442SF/FVM:Operation guaranteed up to +105 ℃)
High speed
Low power
Single
Single
Dual
Dual
BU7261G
(BU7261SG:Operation guaranteed up to +105 ℃)
BU7262F/FVM
(BU7262SF/FVM:Operation guaranteed up to +105 ℃)
BU7241G
(BU7241SG:Operation guaranteed up to +105 ℃)
BU7242F/FVM
(BU7242SF/FVM:Operation guaranteed up to +105 ℃)
Ground Sense
Input-Output Full Swing
P.3
P.5
ROHM’s Selection Operational Amplifier/Comparator Series
Low Voltage Operation CMOS
Operational Amplifiers
BU7261G,BU7261S G,BU7241G,BU7241S G
BU7262F/FVM,BU7262S F/FVM, BU7242F/FVM,BU7242S F/FVM
BU7461G,BU7461S G,BU7441G,BU7441S G
BU7462F/FVM,BU7462S F/FVM, BU7442F/FVM,BU7442S F/FVM
Description
Low Voltage CMOS Op-Amp integrate one or two independent output full swing Op-Amps and phase compesation
capasitors on a single chip. Especially, this series is operable with low voltage, low supply current and low input bias current.
Input-Output Full Swing:BU7261/BU7241 family , BU7262/BU7242 family
Ground Sense
BU7461/BU7441 family , BU7462/BU7442 family
]
Features
1) Operable with low voltage
Input-Output Full Swing :+1.8 [V]~+5.5 [V] (single supply): BU7261/BU7241 family , BU7262/BU7242 family
Ground Sense
+1.7 [V]~+5.5 [V] (single supply): BU7461/BU7441 family , BU7462/BU7442 family
2) nternal phase compensation
3)
High large signal voltage gain
4) Internal ESD protection
Human body model (HBM) ±4000[V] (Typ.)
5) Low input bias current 1[pA] (Typ.)
No.09049EAT07


Similar Part No. - BU7262SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7262SF ROHM-BU7262SF Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7262SF ROHM-BU7262SF Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262SF ROHM-BU7262SF Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7262SF-E2 ROHM-BU7262SF-E2 Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262SF-E2 ROHM-BU7262SF-E2 Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
More results

Similar Description - BU7262SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Renesas Technology Corp
HA1630Q01 RENESAS-HA1630Q01_15 Datasheet
491Kb / 26P
   Low Voltage Operation CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com