Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0992A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0992A
Description  SAW Filter 902.5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0992A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0992A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0992A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0992A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0992A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0992A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0992A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0992A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
(Reel Count : 7”=1000 ; 13”=3000 )
2.TAPE DIMENSION


Similar Part No. - TA0992A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0992A GOLLEDGE-TA0992A Datasheet
81Kb / 6P
   SAW Filter 902.5MHz
More results

Similar Description - TA0992A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0747B TAI-SAW-TA0747B Datasheet
995Kb / 7P
   SAW Filter 902.5 MHz
TA0992B TAI-SAW-TA0992B Datasheet
324Kb / 7P
   SAW Filter 902.5 MHz
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
   SMD 902.5 MHz SAW FILTER
11.15.06
logo
Oscilent Corporation
802-RF902.5M-B OSCILENT-802-RF902.5M-B Datasheet
177Kb / 2P
   902.5 MHz RF SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2709AA1325 TAI-SAW-TA2709AA1325 Datasheet
384Kb / 7P
   SAW Filter 902.5 MHz (BW 25 MHz) CSP 1.4x1.1 mm
TF0049A TAI-SAW-TF0049A Datasheet
923Kb / 8P
   902.5/947.5MHz SAW Duplexer
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TL0023A TAI-SAW-TL0023A Datasheet
604Kb / 7P
   LTCC Filter 902.5(890 ~ 915) MHz SMD 2.0x1.25 mm (25MHz BW)
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com