Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU1511KV2 Datasheet(PDF) 4 Page - Rohm

Part # BU1511KV2
Description  Silicon monolithic integrated circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1511KV2 Datasheet(HTML) 4 Page - Rohm

  BU1511KV2 Datasheet HTML 1Page - Rohm BU1511KV2 Datasheet HTML 2Page - Rohm BU1511KV2 Datasheet HTML 3Page - Rohm BU1511KV2 Datasheet HTML 4Page - Rohm BU1511KV2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. C
○ Cautions on use
(1)
Absolute Maximum Ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can break
down devices, thus making impossible to identify breaking mode such as a short circuit or an open circuit. If any special mode
exceeding the absolute maximum ratings is assumed, consideration should be given to take physical safety measures including
the use of fuses, etc.
(2)
Recommended Operating conditions
These conditions represent a range within which characteristics can be provided approximately as expected. The electrical
characteristics are guaranteed under the conditions of each parameter.
(3)
Reverse connection of power supply connector
The reverse connection of power supply connector can break down ICs. Take protective measures against the breakdown due to
the reverse connection, such as mounting an external diode between the power supply and the IC’s power supply terminal.
(4)
Power supply line
Design PCB pattern to provide low impedance for the wiring between the power supply and the GND lines.
In this regard, for the digital block power supply and the analog block power supply, even though these power supplies has the
same level of potential, separate the power supply pattern for the digital block from that for the analog block, thus suppressing the
diffraction of digital noises to the analog block power supply resulting from impedance common to the wiring patterns. For the
GND line, give consideration to design the patterns in a similar manner.
Furthermore, for all power supply terminals to ICs, mount a capacitor between the power supply and the GND terminal. At the
same time, in order to use an electrolytic capacitor, thoroughly check to be sure the characteristics of the capacitor to be used
present no problem including the occurrence of capacity dropout at a low temperature, thus determining the constant.
(5)
GND voltage
Make setting of the potential of the GND terminal so that it will be maintained at the minimum in any operating state. Furthermore,
check to be sure no terminals are at a potential lower than the GND voltage including an actual electric transient.
(6)
Short circuit between terminals and erroneous mounting
In order to mount ICs on a set PCB, pay thorough attention to the direction and offset of the ICs. Erroneous mounting can break
down the ICs. Furthermore, if a short circuit occurs due to foreign matters entering between terminals or between the terminal and
the power supply or the GND terminal, the ICs can break down.
(7)
Operation in strong electromagnetic field
Be noted that using ICs in the strong electromagnetic field can malfunction them.
(8)
Inspection with set PCB
On the inspection with the set PCB, if a capacitor is connected to a low-impedance IC terminal, the IC can suffer stress. Therefore,
be sure to discharge from the set PCB by each process. Furthermore, in order to mount or dismount the set PCB to/from the jig
for the inspection process, be sure to turn OFF the power supply and then mount the set PCB to the jig. After the completion of
the inspection, be sure to turn OFF the power supply and then dismount it from the jig. In addition, for protection against static
electricity, establish a ground for the assembly process and pay thorough attention to the transportation and the storage of the set
PCB.
(9)
Input terminals
In terms of the construction of IC, parasitic elements are inevitably formed in relation to potential. The operation of the parasitic
element can cause interference with circuit operation, thus resulting in a malfunction and then breakdown of the input terminal.
Therefore, pay thorough attention not to handle the input terminals, such as to apply to the input terminals a voltage lower than
the GND respectively, so that any parasitic element will operate. Furthermore, do not apply a voltage to the input terminals when
no power supply voltage is applied to the IC. In addition, even if the power supply voltage is applied, apply to the input terminals a
voltage lower than the power supply voltage or within the guaranteed value of electrical characteristics.
(10) Ground wiring pattern
If small-signal GND and large-current GND are provided, It will be recommended to separate the large-current GND pattern from
the small-signal GND pattern and establish a single ground at the reference point of the set PCB so that resistance to the wiring
pattern and voltage fluctuations due to a large current will cause no fluctuations in voltages of the small-signal GND. Pay attention
not to cause fluctuations in the GND wiring pattern of external parts as well.
(11) External capacitor
In order to use a ceramic capacitor as the external capacitor, determine the constant with consideration given to a degradation in
the nominal capacitance due to DC bias and changes in the capacitance due to temperature, etc.


Similar Part No. - BU1511KV2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU1510 VISHAY-BU1510 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1510 VISHAY-BU1510 Datasheet
153Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1510-E3 VISHAY-BU1510-E3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1510-E3/45 VISHAY-BU1510-E3/45 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1510-E3/51 VISHAY-BU1510-E3/51 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
More results

Similar Description - BU1511KV2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com