Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU6653NUX Datasheet(PDF) 1 Page - Rohm

Part # BU6653NUX
Description  High-speed Load Response Full CMOS LDP Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6653NUX Datasheet(HTML) 1 Page - Rohm

  BU6653NUX Datasheet HTML 1Page - Rohm BU6653NUX Datasheet HTML 2Page - Rohm BU6653NUX Datasheet HTML 3Page - Rohm BU6653NUX Datasheet HTML 4Page - Rohm BU6653NUX Datasheet HTML 5Page - Rohm BU6653NUX Datasheet HTML 6Page - Rohm BU6653NUX Datasheet HTML 7Page - Rohm BU6653NUX Datasheet HTML 8Page - Rohm BU6653NUX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2009.09 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
CMOS LDO Regulator Series for Portable Equipments
High-speed Load Response
Full CMOS LDP Regulators
BU6650NUX, BU6651NUX, BU6652NUX, BU6653NUX
Description
BU6650NUX, BU6651NUX, BU6652NUX, BU6653NUX are high-performance 3ch FULL CMOS regulator with 200-mA
outputs, which is mounted on small package VSON008X2030(2.0 mm
 3.0 mm  0.6 mm). It has excellent noise
characteristics and load responsiveness characteristics despite its low circuit current consumption of 120
A. It is most
appropriate for various applications such as power supplies for logic IC, RF, and camera modules.
Features
1) High-accuracy output voltage of
1% (25 mV on 1.5-V & 1.8-V products)
2) High ripple rejection: 70 dB (Typ., 1 kHz, VOUT≦1.8 V))
3) Compatible with small ceramic capacitor (CIN=2.2
F ,Co=1.0 F)
4) Low current consumption: 120
A
5) ON/OFF control pin(STBY) of output voltage
6) With built-in overcurrent protection circuit and thermal shutdown circuit
7) With built-in output discharge circuit
8) Adopting small package VSON008X2030
Applications
Battery-powered portable equipment, etc.
Line up matrix
200 mA
BU665□NUX series
Product Name
VOUT1
VOUT2
VOUT3
Package
BU6650NUX
2.8V
2.8V
1.8V
VSON008X2030
BU6651NUX
2.8V
1.8V
1.5V
BU6652NUX
2.8V
2.8V
1.5V
BU6653NUX
2.8V
1.8V
1.8V
No.09020EBT06


Similar Part No. - BU6653NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6653NUX ROHM-BU6653NUX Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BU6653NUX-TR ROHM-BU6653NUX-TR Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
More results

Similar Description - BU6653NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BUXXTA2WNVX ROHM-BUXXTA2WNVX Datasheet
1Mb / 28P
   High-speed Load Response FULL CMOS LDO Regulators
logo
Asahi Kasei Microsystem...
AK9710 AKM-AK9710 Datasheet
496Kb / 10P
   High Speed Response (~100kHz)
logo
Bellnix Co.,Ltd.
BSV-HE BELLNIX-BSV-HE Datasheet
361Kb / 11P
   HIGH SPEED LOAD RESPONSE, OUTPUT VOLTAGE SETTING ACCURACY짹1% POL DC-DC Converter
logo
COSMO Electronics Corp...
KPC6N137 COSMO-KPC6N137 Datasheet
195Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137H COSMO-KPC6N137H Datasheet
147Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137S COSMO-KPC6N137S Datasheet
148Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410_12 Datasheet
135Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410 Datasheet
118Kb / 7P
   Super High Speed Response Photocoupler
logo
Advanced Power Electron...
APE8939 A-POWER-APE8939 Datasheet
848Kb / 10P
   FAST RESPONSE, 6A LOAD SWITCH
logo
Toshiba Semiconductor
TCR2EF TOSHIBA-TCR2EF Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com