Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM0834 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM0834
Description  8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM0834 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM0834 Datasheet HTML 7Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 8Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 9Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 10Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 11Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 12Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 13Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 14Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Wolfson Microelectronics
11
WM0834, WM0838
Functional Description (continued)
WM0834 MUX Addressing
MUX Address
Channel Number
SGL/DIF
ODD/EVEN
Select bit
0
1
2
3
Differential MUX Mode (Between adjacent pairs of points)
00
0
+
-
00
1
+
-
01
0
-
+
01
1
-
+
Single Ended MUX Mode (between selected input(s) and AGND)
10
0
+
10
1
+
11
0
+
11
1
+
Note: Analogue common input 'COM' used with single ended mode is internally tied to AGND
All internal registers are cleared when CS is high. To
initiate another conversion, CS must make a high to low
transition and MUX address assignments input to DI.
The DI inpit and DO output can be tied together and
controlled via a bidirectional processor I/O bit line.
Reference Input
The analogue input voltage range Vmax to Vmin for
differential and pseudo-differential input is defined by the
voltage applied to the reference input with respect to
AGND.
WM0834/8 can be used in ratiometric appliacations or
those requiring absolute accuracy. A ratiometric input is
typically the Vcc and is the same supply used to power
analogue input circuitry and sensors. In such systems
under a given input condition, the same code will be
output with variations in supply voltage, because the same
ratio change occurs in both the analogue and reference
input to the A/D. When used in applications requiring ab-
solute accuracy, a suitable time and temperature stable
voltage reference source should be used.
The voltage source used to drive the reference input should
be capable of driving the 2.4k
Ω typical of the SAR resistor
ladder. The maximum input voltage to the reference input
is the Vcc supply voltage. The minimum can be as least
as low as 1V to allow for direct conversion of sensor
outputs with output voltage ranges less than 5V.
Analogue Inputs
While sampling the analogue inputs, short spikes of
current enter a "+" input and flow out of the corresponding
"-" input at the clock edges during conversion. This
current does not cause errors as it decays rapidly and the
internal comparator is strobed at the end of a clock period.
Care should be exercised if bypass capacitors are used at
the inputs as an apparant offset error can be caused by the
capacitor averaging the input current and developing a volt-
age across the source resistance. Bypass capacitors should
not be used with a source resistance greater than 1k
Ω.
In considering error sources, input leakage current will also
cause a voltage drop across the source resistance and
hence, high impedance sources should be buffered.
In differential mode, there is a 1/2 clock period interval
between sampling the "+" and the "-" inputs. If there is a
change in common mode voltage during this interval, an
errorcould notionally result.
For a sinusoidal common mode signal, the error is given
by:
VERROR = VPEAK (2
πfCM) (1/(2fCLK))
Where
VPEAK = peak common mode voltage
fCM = common mode signal frequency
fCLK = clock frequency


Similar Part No. - WM0834

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM0831 WOLFSON-WM0831 Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831CD WOLFSON-WM0831CD Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831CP WOLFSON-WM0831CP Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831ID WOLFSON-WM0831ID Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831IP WOLFSON-WM0831IP Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
More results

Similar Description - WM0834

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM0831 WOLFSON-WM0831 Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Linear Technology
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391 Datasheet
159Kb / 9P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_1 Datasheet
180Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com