Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU90LV048 Datasheet(PDF) 1 Page - Rohm

Part # BU90LV048
Description  4bit LVDS Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU90LV048 Datasheet(HTML) 1 Page - Rohm

  BU90LV048 Datasheet HTML 1Page - Rohm BU90LV048 Datasheet HTML 2Page - Rohm BU90LV048 Datasheet HTML 3Page - Rohm BU90LV048 Datasheet HTML 4Page - Rohm BU90LV048 Datasheet HTML 5Page - Rohm BU90LV048 Datasheet HTML 6Page - Rohm BU90LV048 Datasheet HTML 7Page - Rohm BU90LV048 Datasheet HTML 8Page - Rohm BU90LV048 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LVDS Interface ICs
4bit LVDS Receiver
BU90LV048
●Description
LVDS Interface IC of ROHM "Serializer" "Deserializer" operate from 8MHz to 150MHz wide clock range, and
number of bits range is from 35 to 70. Data is transmitted seven times (7X) stream and reduce cable number
by 3(1/3) or less. The ROHM's LVDS has low swing mode to be able to expect further low EMI.
Driver and Receiver of 4 bits operate to 250MHz. It can be used for a variety of purposes, home appliances
such as LCD-TV, business machines such as decoders, instruments, and medical equipment.
●Features
■>500 Mbps (250 MHz) switching rates
■Flow-through pinout simplifies PCB layout
■150 ps channel-to-channel skew (typical)
■100 ps differential skew (typical)
■3.7 ns maximum propagation delay
■3.3V power supply design
■6mA and 8mA selectable output drive strength
■Accepts small swing (200 mV typical) differential signal levels
■Supports open, short and terminated input fail-safe
■Conforms to ANSI/TIA/EIA-644 Standard
■Industrial temperature operating range (-40℃ to +85℃)
●Applications
Car Navigation System
Copier
Digital TV (Signal System)
FA equipment
Medical equipment
Vending machine, Ticket vending machine
●Precaution
■This chip is not designed to protect from radioactivity.
■This document may be used as strategic technical data
which subjects to COCOM regulations.


Similar Part No. - BU90LV048

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90LV048 ROHM-BU90LV048 Datasheet
434Kb / 15P
   4bit LVDS Receiver
BU90LV048-E2 ROHM-BU90LV048-E2 Datasheet
434Kb / 15P
   4bit LVDS Receiver
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
More results

Similar Description - BU90LV048

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
BU90LV047A ROHM-BU90LV047A Datasheet
718Kb / 12P
   4bit LVDS Driver
BU90LV049A ROHM-BU90LV049A Datasheet
303Kb / 14P
   4bit LVDS Transceiver
BU90LV047A ROHM-BU90LV047A_11 Datasheet
431Kb / 15P
   4bit LVDS Driver
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
logo
Texas Instruments
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822 Datasheet
418Kb / 27P
[Old version datasheet]   FLATLINK LVDS RECEIVER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com