Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR35H160F-WC Datasheet(PDF) 1 Page - Rohm

Part # BR35H160F-WC
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR35H160F-WC Datasheet(HTML) 1 Page - Rohm

  BR35H160F-WC Datasheet HTML 1Page - Rohm BR35H160F-WC Datasheet HTML 2Page - Rohm BR35H160F-WC Datasheet HTML 3Page - Rohm BR35H160F-WC Datasheet HTML 4Page - Rohm BR35H160F-WC Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. B
◇ STRUCTURE
Silicon Monolithic Integrated Circuit
◇ PRODUCT
SPI BUS 16Kbit (2,048×8bit) EEPROM
PART NUMBER
BR35H160-WC series
BR35H160F-WC
SOP8
BR35H160FJ-WC
SOP-J8
BR35H160FVT-WC
TSSOP-B8
BR35H160FVM-WC
MSOP8
◇ FEATURES
Serial Peripheral Interface
Single power supply (2.5V~5.5V)
1,000,000 erase/write cycles endurance (85℃)
500,000 erase/write cycles endurance (105℃)
300,000 erase/write cycles endurance (125℃)
◇ ABSOLUTE MAXIMUM RATING (Ta=25℃)
* Degradation is done at 4.5mW/℃(※1,2), 3.3mW/℃(※3), 3.1mW/℃(※4) for operation above 25℃
◇ RECOMMENDED OPERATING CONDITION
Unit
Rating
PART NUMBER
Parameter
PACKAGE
Symbol
-40~125
Topr
*3
*4
V
Tstg
-65~150
*1
*2
-0.3~6.5
560 (BR35H160F-WC)
560 (BR35H160FJ-WC)
Supply Voltage
Input Voltage
Symbol
Supply Voltage
Storage Temperature
Operating Temperature
Parameter
Terminal Voltage
Vcc
Vcc
V
Rating
Unit
-0.3~Vcc+0.3
VIN
2.5~5.5
V
0~Vcc
V
Power Dissipation
410 (BR35H160FVT-WC)
380 (BR35H160FVM-WC)
mW
Pd


Similar Part No. - BR35H160F-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR35H160F-WCE2 ROHM-BR35H160F-WCE2 Datasheet
399Kb / 17P
   125??SPI BUS ICs BR35 Family
BR35H160F-WCTR ROHM-BR35H160F-WCTR Datasheet
399Kb / 17P
   125??SPI BUS ICs BR35 Family
More results

Similar Description - BR35H160F-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com