Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR34L02FV-W Datasheet(PDF) 10 Page - Rohm

Part # BR34L02FV-W
Description  DDR1/DDR2 For memory module) SPD Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR34L02FV-W Datasheet(HTML) 10 Page - Rohm

Back Button BR34L02FV-W Datasheet HTML 6Page - Rohm BR34L02FV-W Datasheet HTML 7Page - Rohm BR34L02FV-W Datasheet HTML 8Page - Rohm BR34L02FV-W Datasheet HTML 9Page - Rohm BR34L02FV-W Datasheet HTML 10Page - Rohm BR34L02FV-W Datasheet HTML 11Page - Rohm BR34L02FV-W Datasheet HTML 12Page - Rohm BR34L02FV-W Datasheet HTML 13Page - Rohm BR34L02FV-W Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
BR34L02FV-W
Technical Note
10/17
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
WRITE COMMAND
SLAVE
DATA
ADDRESS
WORD
ADDRESS
SLAVE
ADDRESS
SLAVE
ADDRESS
SLAVE
ADDRESS
S
T
A
R
T
S
O
P
A
C
K
H
S
T
A
R
T
S
T
A
R
T
A
C
K
H
S
T
A
R
T
A
C
K
H
S
T
A
R
T
A
C
K
L
A
C
K
L
A
C
K
L
S
O
P
After the internal write cycle
is completed, ACK will be returned
(ACK=Low). Then input next
Word Address and data.
During the internal write cycle,
no ACK will be returned.
(ACK=High)
・・・
Software Reset
Execute software reset in the event that the device is in an unexpected state after power up and/or the command input
needs to be reset. Below are three types(Fig.39 –(a), (b), (c)) of software reset:
During dummy clock, release the SDA BUS (tied to VCC by a pull-up resistor) .
During this time the device may pull the SDA line Low for Acknowledge or the outputting of read data.
If the Master sets the SDA line to High, it will conflict with the device output Low, which can cause current overload and
result in instantaneous power down, which may damage the device.
Acknowledge polling
Since the IC ignores all input commands during the internal write cycle, no ACK signal will be returned.
When the Master sends the next command after the Write command, if the device returns an ACK signal it means that the
program is completed. No ACK signal indicates that the device is still busy.
Using Acknowledge polling decreases the waiting time by tWR=5ms.
When operating Write or Current Read after Write, first transmit the Slave address (R/W is"High" or "Low"). After the device
returns the ACK signal continue word address input or data output.
1
2
13
14
SCL
DUMMY CLOCK×14
START×2
SCL
SCL
Fig.39-(a) DUMMY CLOCK×14 + START+START
1
2
3
8
9
7
Fig.39-(c) START×9
*
COMMAND starts with start condition.
2
1
8
9
DUMMY CLOCK×9
START
Fig.39-(b) START + DUMMY CLOCK×9 + START
START
COMMAND
COMMAND
COMMAND
COMMAND
COMMAND
COMMAND
START×9
SDA
SDA
SDA
THE FIRST WRITE COMMAND
tWR
THE SECOND WRITE COMMAND
・・・
tWR
Fig.40 Successive Write Operation By Acknowledge Polling


Similar Part No. - BR34L02FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34L02FV-W ROHM-BR34L02FV-W Datasheet
529Kb / 25P
   256짰 bit Electrically Erasable PROM
BR34L02FV-WE2 ROHM-BR34L02FV-WE2 Datasheet
1Mb / 17P
   2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module
More results

Similar Description - BR34L02FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
   DDR/DDR2 (For memory module) SPD Memory
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
logo
Samsung semiconductor
K4T51043QI SAMSUNG-K4T51043QI Datasheet
393Kb / 14P
   DDR2 SDRAM Memory
logo
Rohm
BR34L02-W ROHM-BR34L02-W Datasheet
1Mb / 17P
   2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module
logo
NXP Semiconductors
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com