Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24S16-W Datasheet(PDF) 10 Page - Rohm

Part # BR24S16-W
Description  I2C BUS Serial EEPROMs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24S16-W Datasheet(HTML) 10 Page - Rohm

Back Button BR24S16-W Datasheet HTML 6Page - Rohm BR24S16-W Datasheet HTML 7Page - Rohm BR24S16-W Datasheet HTML 8Page - Rohm BR24S16-W Datasheet HTML 9Page - Rohm BR24S16-W Datasheet HTML 10Page - Rohm BR24S16-W Datasheet HTML 11Page - Rohm BR24S16-W Datasheet HTML 12Page - Rohm BR24S16-W Datasheet HTML 13Page - Rohm BR24S16-W Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10/32
Read Command
Read cycle
Data of EEPROM is read. In read cycle, there are random read cycle and current read cycle.
Random read cycle is a command to read data by designating address, and is used generally.
Current read cycle is a command to read data of internal address register without designating address, and is used when to
verify just after write cycle. In both the read cycles, sequential read cycle is available, and the next address data can be read
in succession.
In random read cycle, data of designated word address can be read.
When the command just before current read cycle is random read cycle, current read cycle (each including sequential read
cycle), data of incremented last read address (n)-th address, i.e., data of the (n+1)-th address is output.
When ACK signal 'LOW' after D0 is detected, and stop condition is not sent from master (μ-COM) side, the next address
data can be read in succession.
Read cycle is ended by stop condition where 'H' is input to ACK signal after D0 and SDA signal is started at SCL signal 'H' .
When 'H' is not input to ACK signal after D0, sequential read gets in, and the next data is output.
Therefore, read command cycle cannot be ended. When to end read command cycle, be sure input stop condition to input
'H' to ACK signal after D0, and to start SDA at SCL signal 'H'.
Sequential read is ended by stop condition where 'H' is input to ACK signal after arbitrary D0 and SDA is started at SCL
signal 'H'.
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
W ORD
A D D R ESS (n)
SD A
LIN E
A
C
K
A
C
K
DATA(n)
A
C
K
SLAV E
A D D R ESS
10
0
1
A 0
A1
A2
WA
7
A0
D0
SLAV E
A D D R ESS
10
0
1A1
A2
S
T
A
R
T
D7
R
/
W
R
E
A
D
WA
0
N ote)
*1
It is necessary to input 'H' to
the last ACK.
Fig.43 Random read cycle (BR24L01A/02/04/08/16-W)
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
1st WORD
ADDRESS(n)
SDA
LINE
A
C
K
A
C
K
DATA(n)
A
C
K
SLAVE
ADDRESS
1 0
0
1
A0
A1
A2
D7
D0
*
2nd WORD
ADDRESS(n)
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
1 0
0
1
A2A1
R
/
W
R
E
A
D
A0
WA
0
Note)
*1
WA
12
WA
11
**
Fig.44 Random read cycle (BR24L32/64 -W)
*1 As for WA12, BR24L32-W become Don’t care.
*1 As for WA7, BR24L01A-W become Don’t care.
S
T
A
R
T
S
T
O
P
SDA
LIN E
A
C
K
D ATA(n)
A
C
K
SLA VE
ADDR ESS
10
0
1
A0
A1
A2
D 0
D7
R
/
W
R
E
A
D
Note)
Fig.45 Current read cycle
It is necessary to input 'H' to
the last ACK.
R
E
A
D
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
DATA(n)
SDA
LINE
A
C
K
A
C
K
DATA(n+x)
A
C
K
SLAVE
ADDRESS
10
0
1
A0
A1
A2
D0
D7
D0
D7
Note)
Fig.46 Sequential read cycle (in the case of current read cycle)
*1 In BR24L16-W, A2 becomes P2.
*2 In BR24L08-W, BR24L16-W, A1 becomes P1.
*3 In BR24L04-W, A0 becomes PS, and in BR24L08-W
and BR24L16-W, A0 becomes P0.
1 0
0
1A 0
A1
A2
*1 *2 *3
Note)
Fig.47 Difference of slave address of each type


Similar Part No. - BR24S16-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24S16-W ROHM-BR24S16-W Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S16-W ROHM-BR24S16-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S16-W ROHM-BR24S16-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S16-W ROHM-BR24S16-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24S16-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com