Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH30FB1WHFV-TR Datasheet(PDF) 2 Page - Rohm

Part # BH30FB1WHFV-TR
Description  Standard CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH30FB1WHFV-TR Datasheet(HTML) 2 Page - Rohm

  BH30FB1WHFV-TR Datasheet HTML 1Page - Rohm BH30FB1WHFV-TR Datasheet HTML 2Page - Rohm BH30FB1WHFV-TR Datasheet HTML 3Page - Rohm BH30FB1WHFV-TR Datasheet HTML 4Page - Rohm BH30FB1WHFV-TR Datasheet HTML 5Page - Rohm BH30FB1WHFV-TR Datasheet HTML 6Page - Rohm BH30FB1WHFV-TR Datasheet HTML 7Page - Rohm BH30FB1WHFV-TR Datasheet HTML 8Page - Rohm BH30FB1WHFV-TR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/8
www.rohm.com
© 2009 ROHM Co., Ltd. All rights reserved.
Technical Note
2009.11 -
Rev. B
BH □□FB1WG series, BH□□FB1WHFV series,
BH □□LB1WG series, BH□□LB1WHFV series,
BH □□MA3WHFV series,
Absolute maximum ratings (Ta = 25°C)
Applied supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
VMAX
Pd
Topr
Tstg
680
(HVSOF6)
410
(HVSOF5)
540
(SSOP5)
~ +85
+125
-40
-55
+6.5
-0.3
~
~
mW
°C
°C
V
Conditions
Ceramic capacitor recommended
Ceramic capacitor recommended
-
Input capacitor
CIN
0.1
-
-
-
µF
Output capacitor
Noise decrease capacitor
Co
Cn
1.0
0.01
0.22
-
µF
Ceramic capacitor recommended
µF
Recommended operating conditions
Parameter
Min.
Max.
Unit
Typ.
Symbol
Power supply voltage
Output current
VIN
IOUT
-
--
2.5
5.5
300
V
mA
--
150
mA
--
150
mA
Recommended operating range
Parameter
Min.
Max.
Unit
Typ.
Symbol
BH
□□MA3W
BH
□□FB1W
BH
□□LB1W
BH
□□MA3WHFV
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
IOUT=1mA
IOUT=1mA
STBY=0V
VRR=-20dBv, fRR=1kHz, IOUT=10mA
VIN=0.98 X VOUT, IOUT=100mA
VIN=VOUT+0.5V to 5.5V
IOUT=1mA to 100mA
IOUT=1mA to 300mA
IOUT=1mA, Ta=-40 to +85°C
VOUT
I GND
I STBY
RR
VSAT1
VDL1
VDL01
VDL02
ILMAX
I SHORT
-
-
-
-
-
-
-
-
-
-
65
-
60
60
2
6
18
±100
600
100
95
1.0
-
90
20
30
90
-
-
-
V
µA
µA
dB
mV
mV
mV
mV
ppm/°C
mA
mA
VOUT
Vo=VOUT X 0.85
Vo=0V
BH
□□FB1WHFV/WG , BH□□LB1WHFV/WG
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VOUT
I GND
I STBY
RR
LTV1
LTV2
VSAT
VDL1
VDL01
ILMAX
I SHORT
RSTB
VSTBH
VSTBL
-
-
-
-
-
-
-
-
-
-
550
1.5
-0.3
40
-
70
50
50
250
2
10
250
50
1100
-
-
70
1.0
-
-
-
450
20
30
-
-
2200
VIN
0.3
V
µA
µA
dB
mV
mV
mV
mV
mV
mA
mA
kΩ
V
V
STBY
control voltage
ON
OFF
VOUT
Vo=0V


Similar Part No. - BH30FB1WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
More results

Similar Description - BH30FB1WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com