Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24A01A-WM Datasheet(PDF) 11 Page - Rohm

Part # BR24A01A-WM
Description  High Reliability Series EEPROMs I2C BUS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A01A-WM Datasheet(HTML) 11 Page - Rohm

Back Button BR24A01A-WM Datasheet HTML 7Page - Rohm BR24A01A-WM Datasheet HTML 8Page - Rohm BR24A01A-WM Datasheet HTML 9Page - Rohm BR24A01A-WM Datasheet HTML 10Page - Rohm BR24A01A-WM Datasheet HTML 11Page - Rohm BR24A01A-WM Datasheet HTML 12Page - Rohm BR24A01A-WM Datasheet HTML 13Page - Rohm BR24A01A-WM Datasheet HTML 14Page - Rohm BR24A01A-WM Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BR24A□□-WM series
Technical Note
11/17
www.rohm.com
2009.08 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Software reset
Software reset is executed when to avoid malfunction after power on, and to reset during command input. Software reset
has several kinds, and 3 kinds of them are shown in the figure below. (Refer to Fig.47(a), Fig.47(b), and Fig.47(c).) In
dummy clock input area, release the SDA bus ('H' by pull up). In dummy clock area, ACK output and read data '0' (both 'L'
level) may be output from EEPROM, therefore, if 'H' is input forcibly, output may conflict and over current may flow, leading
to instantaneous power failure of system power source or influence upon devices.
Acknowledge polling
During internal write execution, all input commands are ignored, therefore ACK is not sent back. During internal automatic
write execution after write cycle input, next command (slave address) is sent, and if the first ACK signal sends back 'L', then
it means end of write action, while if it sends back 'H', it means now in writing. By use of acknowledge polling, next
command can be executed without waiting for tWR = 5ms.
When to write continuously, R/W = 0, when to carry out current read cycle after write, slave address R/W = 1 is sent, and if
ACK signal sends back 'L', then execute word address input and data output and so forth.
Fig.48 Case to continuously write by acknowledge polling
1
2
13
14
SCL
Dummy clock×14
Start×2
Fig.47-(a) The case of dummy clock +START+START+ command input
Start command from START input.
2
1
8
9
Dummy clock×9
Start
Fig.47-(b) The case of START +9 dummy clocks +START+ command input
Start
Normal command
Normal command
Normal command
Normal command
Start×9
SDA
1
2
3
8
9
7
Fig.47-(c) START×9+ command input
Normal command
Normal command
SCL
SDA
SCL
SDA
S
T
A
R
T
First write command
A
C
K
H
Slave
address
Slave
address
Write command
During internal write,
ACK = HIGH is sent back.
tWR
Second write command
S
T
A
R
T
S
T
A
R
T
S
T
O
P
S
T
O
P
A
C
K
H
A
C
K
H
A
C
K
L
A
C
K
L
Slave
address
Word
address
A
C
K
L
Slave
address
Data
After completion of internal write,
ACK=LOW is sent back, so input next
word address and data in succession.
tWR
S
T
A
R
T
S
T
A
R
T
S
T
O
P
A
C
K
H
A
C
K
L


Similar Part No. - BR24A01A-WM

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01A-WM ROHM-BR24A01A-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24A01A-WM ROHM-BR24A01A-WM Datasheet
755Kb / 32P
   Operation I2 C BUS EEPROM
BR24A01A-WM ROHM-BR24A01A-WM Datasheet
2Mb / 32P
   105C Operation I2C BUS EEPROM
More results

Similar Description - BR24A01A-WM

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com