Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH7616HFV Datasheet(PDF) 3 Page - Rohm

Part # BH7616HFV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7616HFV Datasheet(HTML) 3 Page - Rohm

  BH7616HFV Datasheet HTML 1Page - Rohm BH7616HFV Datasheet HTML 2Page - Rohm BH7616HFV Datasheet HTML 3Page - Rohm BH7616HFV Datasheet HTML 4Page - Rohm BH7616HFV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. C
Since a video driver output becomes high impedance at the time of standby, even if it shares a video
output terminal with an input terminal, operation of an input terminal is not influenced.
Application circuit
example 1 (When output terminal is used sharing with input terminal)
Application circuit example 2 (SAG correction)
Vsag Capacitor (C1)
33μF
33μF
33μF
VOUT Capacitor (C2)
68μF
47μF
33μF
図2-1
GND
Vsag
Vout
Stby
Vin
Vcc
1
2
3
4
5
6
75
Ω
6dB
Sync_Tip
Clamp
75ohm
22uF
100uF
C1
C2
Stby
VIN
Vcc
C3
0.1uF
75ohm
22uF
8 order
LPF
C4
Audioin/Logic in etc
GND
Vsag
Vout
Stby
Vin
Vcc
1
2
3
4
5
6
75Ω
6dB
Sync_Tip
Clamp
75ohm
22uF
100uF
C1
C2
Stby
VIN
Vcc
C3
0.1uF
8 order
LPF
C4
図2-2
SAG correction
In order to make the SAG of the video signal as small as possible, we recommend the values of the application
circuit diagram for output coupling capacitor capacitance.
If reducing capacitance due to the demands of miniaturization or the like, check the SAG characteristic for an
alternating black and white bounce signal *1, H-bar signal *2, or other signal for which a SAG effect readily
occurs and use a capacitance that satisfies the demands of the set being used.
As a reference, try the combinations shown below when reducing capacitance. As the capacitance of the
VOUT capacitor is made smaller, SAG becomes greater.
*1,*2: TG-7 U705 unit or other


Similar Part No. - BH7616HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76106HFV ROHM-BH76106HFV Datasheet
139Kb / 6P
   3V operation Video driver (with LPF for mobile applications)
BH76106HFV ROHM-BH76106HFV Datasheet
341Kb / 9P
   Compact, Low Current Consumption Single Output Video Drivers
BH76106HFV ROHM-BH76106HFV Datasheet
528Kb / 12P
   Compact, Low Current Consumption Single Output Video Drivers
BH76106HFV ROHM-BH76106HFV_09 Datasheet
341Kb / 9P
   Compact, Low Current Consumption Single Output Video Drivers
BH76106HFV ROHM-BH76106HFV_15 Datasheet
528Kb / 12P
   Compact, Low Current Consumption Single Output Video Drivers
More results

Similar Description - BH7616HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com