Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX97200 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX97200
Description  Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97200 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX97200 Datasheet HTML 1Page - Maxim Integrated Products MAX97200 Datasheet HTML 2Page - Maxim Integrated Products MAX97200 Datasheet HTML 3Page - Maxim Integrated Products MAX97200 Datasheet HTML 4Page - Maxim Integrated Products MAX97200 Datasheet HTML 5Page - Maxim Integrated Products MAX97200 Datasheet HTML 6Page - Maxim Integrated Products MAX97200 Datasheet HTML 7Page - Maxim Integrated Products MAX97200 Datasheet HTML 8Page - Maxim Integrated Products MAX97200 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-Power, Low-Offset, Dual Mode, Class H
DirectDrive Headphone Amplifier
2 ______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PVIN or PVDD to PGND .......................................-0.3V to +2.2V
GND to PGND ......................................................-0.3V to +0.3V
PVSS to PGND .....................................................-2.2V to +0.3V
OUT_ and IN_ to GND ............. (PVSS - 0.2V) to (PVDD + 0.2V)
C1P, C1N ...................................................Cap connection only
SHDN to GND .........................................................-0.3V to +4V
Output Short-Circuit Current .....................................Continuous
Thermal Limits (Note 1)
Multiple Layer PCB
Continuous Power Dissipation (TA = +70NC)
12-Bump WLP (derate 13.7mW/NC above +70NC)....1095mW
12-Bump WLP BJA.......................................................73NC/W
12-Bump WLP BCA ......................................................30NC/W
Junction Temperature .....................................................+150NC
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +150NC
Bump Temperature (soldering) Reflow...........................+230NC
ELECTRICAL CHARACTERISTICS
(VPVIN = 1.8V, VPGND = VGND = 0V, VSHDN = 1.8V, C1 = C2 = C3 = 1FF, C4 = 10FF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25NC.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage Range
PVIN
Guaranteed by PSRR
1.62
1.80
1.98
V
UVLO Rising
1.48
1.58
V
UVLO Falling
1.36
1.46
V
Quiescent Supply Current
IDD
Inputs grounded, TA = +25NC, no load
1.15
1.7
mA
16I load, inputs grounded, TA = +25NC
1.16
Shutdown Current
ISHDN
VSHDN = 0V, TA = +25NC
0.2
F
A
Turn-On Time
tON
.6
1
ms
CHARGE PUMP
Oscillator Frequency
fOSC1
VOUT = 0V, TA = +25NC
78
83
88
kHz
Oscillator Frequency
fOSC2
VOUT = 0.2V, RL = J, fIN = 1kHz
665
kHz
Oscillator Frequency
fOSC3
VOUT = 0.5V, RL = J, fIN = 1kHz
500
kHz
Positive Output Voltage
VPVDD
VOUT = 0.2V, RL = J
PVIN/2
V
VOUT = 0.5V, RL = J
PVIN
Negative Output Voltage
VPVSS
VOUT = 0.2V, RL = J
-PVIN/2
V
VOUT = 0.5V, RL = J
-PVIN
Output Voltage Threshold
VTH1
RL = J, output voltage at which the
charge pump switches modes, VOUT
rising, transition from 1/8 to normal
frequency
Q
PVIN
x
0.08
V
Output Voltage Threshold
VTH2
RL = J, output voltage at which the
charge pump switches modes, VOUT
rising, transition from high-efficiency
mode to high-power mode
Q
PVIN
x
0.24
V


Similar Part No. - MAX97200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 2; 3/11
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 3; 8/12
MAX97200A MAXIM-MAX97200A Datasheet
535Kb / 5P
   20mW Class G Headphone Amplifier
Rev 0; 2/10
MAX97200A MAXIM-MAX97200A Datasheet
535Kb / 5P
   MAX97200A Evaluation Kit
19-5156; Rev 0; 2/10
MAX97200AEVKIT MAXIM-MAX97200AEVKIT Datasheet
535Kb / 5P
   MAX97200A Evaluation Kit
19-5156; Rev 0; 2/10
More results

Similar Description - MAX97200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97200 MAXIM-MAX97200_11 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 2; 3/11
MAX97200 MAXIM-MAX97200_12 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 3; 8/12
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com